Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM-L25-R Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # PM-L25-R
Description  U-shaped Micro Photoelectric Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM-L25-R Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button PM-L25-R Datasheet HTML 6Page - Panasonic Semiconductor PM-L25-R Datasheet HTML 7Page - Panasonic Semiconductor PM-L25-R Datasheet HTML 8Page - Panasonic Semiconductor PM-L25-R Datasheet HTML 9Page - Panasonic Semiconductor PM-L25-R Datasheet HTML 10Page - Panasonic Semiconductor PM-L25-R Datasheet HTML 11Page - Panasonic Semiconductor PM-L25-R Datasheet HTML 12Page - Panasonic Semiconductor PM-L25-R Datasheet HTML 13Page - Panasonic Semiconductor PM-L25-R Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
U-shaped Micro Photoelectric Sensor
PM-25 SERIES PM-45 SERIES PM-65 SERIES
404
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
U-shaped
Convergent
Reflective
PM-25/PM-45/
PM-65
SENSING CHARACTERISTICS (TYPICAL)
Sensing position
Sensing position
Sensing position
Operating point (mm in)
01
0.039
2
0.079
3
0.118
4
0.157
Light-
ON
Dark-
ON
2 mm
0.079 in
5.5 mm
0.217 in
Beam
axis
Operating point (mm in)
1
0.039
2
0.079
3
0.118
4
0.157
0
Light-
ON
Dark-
ON
8.4 mm
0.331 in
Beam
axis
2 mm
0.079 in
Operating point (mm in)
0
Light-
ON
Dark-
ON
1
0.039
2
0.079
3
0.118
4
0.157
6 mm
0.236 in
Operating point (mm in)
0
Light-
ON
Dark-
ON
1
0.039
2
0.079
3
0.118
4
0.157
7 mm
0.276 in
PM-25 series
PM-45 series
Operating point (mm in)
0
Light-
ON
Dark-
ON
1
0.039
2
0.079
3
0.118
4
0.157
2 mm
0.079 in
8.4 mm
0.331 in
Beam
axis
Operating point (mm in)
0
Light-
ON
Dark-
ON
1
0.039
2
0.079
3
0.118
4
0.157
7 mm
0.276 in
PM-65 series
• Never use this product as a sensing device
for personnel protection.
• In case of using sensing devices for personnel
protection, use products which meet laws and
standards, such as OSHA, ANSI or IEC etc.,
for personnel protection applicable in each
region or country.
PRECAUTIONS FOR PROPER USE
Refer to p.1552~ for general precautions.
• The following conditions must be observed when using
screws to mount the sensor unit.
PM-45 series
Screw Spring washer
Flat washer
Tightening torque
M3 screw
1 pc.
ø6 mm ø0.236 in
(small round washer)
0.5 N·m
Spring washer
M3 screws
Plain washer
Outer diameter
ø6 mm ø0.236 in
Spring washer
M3 screws
Plain washer
Outer diameter
ø6 mm ø0.236 in
Screw Spring washer
Flat washer
Tightening torque
M3 screw
1 pc.
ø6 mm ø0.236 in
(small round washer)
0.5 N·m
• The following conditions must be observed when using
screws to mount the sensor unit.
PM-65 series
Spring washer
M3 screws
Plain washer
Outer diameter
ø6 mm ø0.236 in
Mounting
• The following conditions must be observed when using
screws to mount the sensor unit.
Spring washer
Plain washer
M2 screws
Outer diameter
ø4.3 mm ø0.169 in
Screw Spring washer
Flat washer
Tightening torque
M2 screw
1 pc.
ø4.3 mm ø0.169 in
(small round washer)
0.15 N·m
M3 screw
1 pc.
ø6 mm ø0.236 in
(small round washer)
0.5 N·m
When using the optional mounting screw set
MS-M2, a
spring washer is included.
• In case the
PM-25 series is used at an ambient
temperature of +50 °C +122 °F, or more, make sure to
mount it on a metal body.
< When using M2 screws for mounting > < When using M3 screws for mounting >
PM-25 series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com