Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM-L25-R Datasheet(PDF) 15 Page - Panasonic Semiconductor

Part # PM-L25-R
Description  U-shaped Micro Photoelectric Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM-L25-R Datasheet(HTML) 15 Page - Panasonic Semiconductor

Back Button PM-L25-R Datasheet HTML 8Page - Panasonic Semiconductor PM-L25-R Datasheet HTML 9Page - Panasonic Semiconductor PM-L25-R Datasheet HTML 10Page - Panasonic Semiconductor PM-L25-R Datasheet HTML 11Page - Panasonic Semiconductor PM-L25-R Datasheet HTML 12Page - Panasonic Semiconductor PM-L25-R Datasheet HTML 13Page - Panasonic Semiconductor PM-L25-R Datasheet HTML 14Page - Panasonic Semiconductor PM-L25-R Datasheet HTML 15Page - Panasonic Semiconductor PM-L25-R Datasheet HTML 16Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
409 U-shapedMicroPhotoelectricSensorPM-25SERIES PM-45SERIES PM-65SERIES
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
U-shaped
Convergent
Reflective
PM-25/PM-45/
PM-65
PM-R65W PM-R65W-P
PM-R65 PM-R65-P
PM-F65W PM-F65W-P
Beam
axis
PM-F65W(-P)
Beam
axis
7
0.276
13.6
0.535
13
0.512
7
0.276
9 0.354
11.4
0.449
6 0.236
13.4
0.528
6
0.236
13.7
0.539
7
0.276
2.5 0.098
22.4
0.882
8.3 0.327
6.5 0.256
Operation indicator
(Orange)
Beam size:
1.2 × 0.8 0.047 × 0.031
2-ø3.5 ø0.138
mounting holes
Operation indicator (Orange)
(2 0.079)
Beam
axis
Beam
axis
7 0.276 13.6
0.535
13
0.512
7
0.276
6 0.236
13.4
0.528
6
0.236
13.7
0.539
7
0.276
2.5 0.098
22.4
0.882
8.3 0.327
6.5 0.256
Operation indicator (Orange)
Beam size:
1.2 × 0.8 0.047 × 0.031
2-ø3.5 ø0.138
mounting holes
Operation indicator (Orange)
(2 0.079)
PM-R65W(-P)
9 0.354
11.4
0.449
Beam
axis
Beam
axis
7
0.276
13.5
0.531
6
0.236
13.4
0.528
6
0.236
22.4
0.882
7.7 0.303
8.4 0.331
16.3
0.642
4.1 0.161
3.7 0.146
2.5 0.098
2.1
0.083
Operation indicator (Orange)
Beam size:
1.2 × 0.8 0.047 × 0.031
Elongated
mounting hole
Operation indicator (Orange)
3
0.118
ø2.4
ø0.094
6.5
0.256
3
0.118
8.3 0.327
3.2
0.126
PM-R65(-P)
(2 0.079)
DIMENSIONS (Unit: mm in)
The CAD data can be downloaded from our website.
CN-14A-C□ CN-14A-R-C□
ø3.7 ø0.146 cable
L
35
1.378
8
0.315
8
0.315
50
1.969
Model No.
Length L
CN-14A(-R)-C1
1,000 39.370
CN-14A(-R)-C2
2,000 78.740
CN-14A(-R)-C3
3,000 118.110
CN-14A(-R)-C5
5,000 196.850
• Length L
Sensor
Sensor
Sensor
Connector attached cable (Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com