Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM-R25-R Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # PM-R25-R
Description  U-shaped Micro Photoelectric Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM-R25-R Datasheet(HTML) 2 Page - Panasonic Semiconductor

  PM-R25-R Datasheet HTML 1Page - Panasonic Semiconductor PM-R25-R Datasheet HTML 2Page - Panasonic Semiconductor PM-R25-R Datasheet HTML 3Page - Panasonic Semiconductor PM-R25-R Datasheet HTML 4Page - Panasonic Semiconductor PM-R25-R Datasheet HTML 5Page - Panasonic Semiconductor PM-R25-R Datasheet HTML 6Page - Panasonic Semiconductor PM-R25-R Datasheet HTML 7Page - Panasonic Semiconductor PM-R25-R Datasheet HTML 8Page - Panasonic Semiconductor PM-R25-R Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
U-shaped Micro Photoelectric Sensor
PM-25 SERIES PM-45 SERIES PM-65 SERIES
396
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
U-shaped
Convergent
Reflective
PM-25/PM-45/
PM-65
Large and easy to see
Multi-angle operation indicator
The large operation indicator (orange) lights up when the
beam enters. The indicator is easy to see from above and
from the sides.
PM-25/45/65 SERIES
All models easy to
mount with M3 screws
The sensor unit can be installed with one or two M3 screws.
* M3 screws and washers are not included.
PM-25/45/65 SERIES
Resistant to vibrations
and impacts
The sections where stress concentrates, such as the
connecting section of the cable and internal circuit, are
covered with a resin. This helps prevent malfunctions
caused by vibrations and impacts.
PM-25/45/65 SERIES
Compact size
All new models require significantly less mounting space
than our conventional models when mounted with the same
pitch. What’s more, the new models can directly replace our
conventional models currently in use.
PM-45 SERIES
Ultra-small / Cable type
Easy mounting with M2/M3 screws!
PM-25 SERIES
APPLICATIONS
*“Dog” refers to the sensing object for activating the sensor’s detecting operation.
VARIATION
Sensors come in various shapes to suit a wide range of
mounting conditions
10
0.394
14.6 0.575
26 1.024
15.5 0.610
18.5 0.728
26 1.024
Conventional
model
(L type)
PM-L45
(Unit: mm in)
Starting point sensing
Overrun sensing
Overrun
sensing
Dog
The starting
point can be
sensed by
making a slit in
the rotating
body.
Starting
point
Positioning of a pallet
Sensing the starting point and overrun
of a moving body
Sensing the starting point on a
rotating body
Starting point and overrun is
sensed using the dog* on the base.
■ Models requiring one M3 screw for installation
PM-F25, PM-R25, PM-F65, PM-R65
■ Models requiring two M3 screws for installation
Models other than above
Resin-filled structure
(cross-sectional view)
1 m 3.281 ft cable 3 m 9.843 ft cable 1 m 3.281 ft bending-
resistant cable
1 m 3.281 ft cable
3 m 9.843 ft
cable
1 m 3.281 ft bending-
resistant cable
NPN output
PNP output
Compact / Cable type
Compact size!
PM-45 SERIES
Compact / Connector built-in type
Easy connection with a single touch using commercially-
available connectors
PM-65 SERIES
1 m 3.281 ft cable 3 m 9.843 ft cable 1 m 3.281 ft bending-
resistant cable
1 m 3.281 ft cable 3 m 9.843 ft cable 1 m 3.281 ft bending-
resistant cable
NPN output
PNP output
NPN output
PNP output
Connector attached cable
1 m 3.281 ft, 2 m 6.562 ft,
3 m 9.843 ft, 5 m 16.404 ft
Connector attached bending-resistant cable
1 m 3.281 ft, 2 m 6.562 ft,
3 m 9.843 ft, 5 m 16.404 ft
Connector attached cable
1 m 3.281 ft, 2 m 6.562 ft,
3 m 9.843 ft, 5 m 16.404 ft
Connector attached bending-resistant cable
1 m 3.281 ft, 2 m 6.562 ft,
3 m 9.843 ft, 5 m 16.404 ft
Pallet is stopped by sensing the dog*.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com