Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM-R25-R Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # PM-R25-R
Description  U-shaped Micro Photoelectric Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM-R25-R Datasheet(HTML) 5 Page - Panasonic Semiconductor

  PM-R25-R Datasheet HTML 1Page - Panasonic Semiconductor PM-R25-R Datasheet HTML 2Page - Panasonic Semiconductor PM-R25-R Datasheet HTML 3Page - Panasonic Semiconductor PM-R25-R Datasheet HTML 4Page - Panasonic Semiconductor PM-R25-R Datasheet HTML 5Page - Panasonic Semiconductor PM-R25-R Datasheet HTML 6Page - Panasonic Semiconductor PM-R25-R Datasheet HTML 7Page - Panasonic Semiconductor PM-R25-R Datasheet HTML 8Page - Panasonic Semiconductor PM-R25-R Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
399 U-shapedMicroPhotoelectricSensorPM-25SERIES PM-45SERIES PM-65SERIES
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
U-shaped
Convergent
Reflective
PM-25/PM-45/
PM-65
Compact size!
Built-in connector
Cable type
* NPN output / 1 m 3.281 ft cable length type only
Compact / Cable type
PM-45 SERIES
1 m 3.281 ft cable 3 m 9.843 ft cable 1 m 3.281 ft bending-
resistant cable
1 m 3.281 ft cable 3 m 9.843 ft cable 1 m 3.281 ft bending-
resistant cable
NPN output
PNP output
PM-K45
PM-T45
PM-L45
PM-Y45
PM-F45
PM-R45
ORDER GUIDE
Type
Appearance (mm in)
Sensing range
Model No.
Cable length
Output
Output operation
21.3
0.839
7 0.276
25.4
1.000
6 mm 0.236 in
(fixed)
PM-K45
1 m 3.281 ft
NPN open-collector
transistor
Incorporated with 2 outputs:
Light-ON/Dark-ON
PM-K45-C3
3 m 9.843 ft
PM-K45-P
1 m 3.281 ft
PNP open-collector
transistor
PM-K45-P-C3
3 m 9.843 ft
13.7 0.539
18.1
0.713
26
1.024
PM-T45
1 m 3.281 ft
NPN open-collector
transistor
PM-T45-C3
3 m 9.843 ft
PM-T45-P
1 m 3.281 ft
PNP open-collector
transistor
PM-T45-P-C3
3 m 9.843 ft
7 0.276
14.6 0.575
26
1.024
PM-L45
1 m 3.281 ft
NPN open-collector
transistor
PM-L45-C3
3 m 9.843 ft
PM-L45-P
1 m 3.281 ft
PNP open-collector
transistor
PM-L45-P-C3
3 m 9.843 ft
20.6
0.811
14.6 0.575
13.4
0.528
PM-Y45
1 m 3.281 ft
NPN open-collector
transistor
PM-Y45-C3
3 m 9.843 ft
PM-Y45-P
1 m 3.281 ft
PNP open-collector
transistor
PM-Y45-P-C3
3 m 9.843 ft
13 0.512
21.3
0.839
13.7
0.539
PM-F45
1 m 3.281 ft
NPN open-collector
transistor
PM-F45-C3
3 m 9.843 ft
PM-F45-P
1 m 3.281 ft
PNP open-collector
transistor
PM-F45-P-C3
3 m 9.843 ft
13.7
0.539
13 0.512
21.3
0.839
PM-R45
1 m 3.281 ft
NPN open-collector
transistor
PM-R45-C3
3 m 9.843 ft
PM-R45-P
1 m 3.281 ft
PNP open-collector
transistor
PM-R45-P-C3
3 m 9.843 ft
Note: The suffix “
-C3” in the model No. indicates a 3 m 9.843 ft cable length type.
Certified
*
Recognition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com