Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM-R25-C3 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # PM-R25-C3
Description  U-shaped Micro Photoelectric Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM-R25-C3 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  PM-R25-C3 Datasheet HTML 1Page - Panasonic Semiconductor PM-R25-C3 Datasheet HTML 2Page - Panasonic Semiconductor PM-R25-C3 Datasheet HTML 3Page - Panasonic Semiconductor PM-R25-C3 Datasheet HTML 4Page - Panasonic Semiconductor PM-R25-C3 Datasheet HTML 5Page - Panasonic Semiconductor PM-R25-C3 Datasheet HTML 6Page - Panasonic Semiconductor PM-R25-C3 Datasheet HTML 7Page - Panasonic Semiconductor PM-R25-C3 Datasheet HTML 8Page - Panasonic Semiconductor PM-R25-C3 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
397 U-shapedMicroPhotoelectricSensorPM-25SERIES PM-45SERIES PM-65SERIES
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
U-shaped
Convergent
Reflective
PM-25/PM-45/
PM-65
Ultra-small / Cable type
PM-25 SERIES
Easy mounting with M2/M3 screws!
1 m 3.281 ft cable 3 m 9.843 ft cable 1 m 3.281 ft bending-
resistant cable
1 m 3.281 ft cable
3 m 9.843 ft
cable
1 m 3.281 ft bending-
resistant cable
Built-in connector
Cable type
NPN output
PNP output
Certified
*
* NPN output / 1 m 3.281 ft cable length type only
(Excluding bending-resistant cable type)
PM-K25
PM-L25
PM-U25
PM-F25
PM-R25
ORDER GUIDE
Type
Appearance (mm in)
Sensing range
Model No.
Cable length
Output
Output operation
6 0.236
23.9
0.941
12.3
0.484
6 mm 0.236 in
(fixed)
PM-K25
1 m 3.281 ft
NPN open-collector
transistor
Incorporated with 2 outputs:
Light-ON/Dark-ON
PM-K25-R
1 m 3.281 ft,
bending-resistant cable
PM-K25-C3
3 m 9.843 ft
PM-K25-P
1 m 3.281 ft
PNP open-collector
transistor
13.4
0.528
12 0.472
12
0.472
PM-L25
1 m 3.281 ft
NPN open-collector
transistor
PM-L25-R
1 m 3.281 ft,
bending-resistant cable
PM-L25-C3
3 m 9.843 ft
PM-L25-P
1 m 3.281 ft
PNP open-collector
transistor
6 0.236
16
0.630
13.4
0.528
PM-U25
1 m 3.281 ft
NPN open-collector
transistor
PM-U25-R
1 m 3.281 ft,
bending-resistant cable
PM-U25-C3
3 m 9.843 ft
PM-U25-P
1 m 3.281 ft
PNP open-collector
transistor
11.7 0.461
12.5
0.492
13.4
0.528
PM-F25
1 m 3.281 ft
NPN open-collector
transistor
PM-F25-R
1 m 3.281 ft,
bending-resistant cable
PM-F25-C3
3 m 9.843 ft
PM-F25-P
1 m 3.281 ft
PNP open-collector
transistor
11.7 0.461
12.5
0.492
13.4
0.528
PM-R25
1 m 3.281 ft
NPN open-collector
transistor
PM-R25-R
1 m 3.281 ft,
bending-resistant cable
PM-R25-C3
3 m 9.843 ft
PM-R25-P
1 m 3.281 ft
PNP open-collector
transistor
Note: The suffix “
-R” in the model No. indicates a bending-resistant cable type. The suffix “-C3” indicates a 3 m 9.843 ft cable length type.
OPTIONS
Designation
Model No.
Description
Mounting screw
MS-M2
Mounting screw with washers for the ultra-small type sensor
(50 pcs. lot). It can mount securely as it is spring washer attached.
M2 (length 10 mm 0.394 in) screw
with a spring washer
Mounting screw
• MS-M2
Recognition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com