Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM-R25-C3 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # PM-R25-C3
Description  U-shaped Micro Photoelectric Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM-R25-C3 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  PM-R25-C3 Datasheet HTML 1Page - Panasonic Semiconductor PM-R25-C3 Datasheet HTML 2Page - Panasonic Semiconductor PM-R25-C3 Datasheet HTML 3Page - Panasonic Semiconductor PM-R25-C3 Datasheet HTML 4Page - Panasonic Semiconductor PM-R25-C3 Datasheet HTML 5Page - Panasonic Semiconductor PM-R25-C3 Datasheet HTML 6Page - Panasonic Semiconductor PM-R25-C3 Datasheet HTML 7Page - Panasonic Semiconductor PM-R25-C3 Datasheet HTML 8Page - Panasonic Semiconductor PM-R25-C3 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
395
Related Information
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA COMPONENTS
MACHINE VISION
SYSTEMS
UV CURING
SYSTEMS
Selection
Guide
U-shaped
Convergent
Reflective
PM-25/PM-45/
PM-65
One step ahead in performance and mounting ease
U-shaped Micro Photoelectric Sensor Amplifier Built-in
PM-25 SERIES PM-45 SERIES PM-65 SERIES
■General terms and conditions.............F-3 ■Selection guide .............................P.393~
■Glossaryofterms/Generalprecautions......P.1549~/P.1552~
■Korea’s S-mark..............................P.1602
panasonic.net/id/pidsx/global
Three protection circuits standard on all models
All models are standardly equipped with the following
protection circuits in their compact bodies. These
protection circuits minimize the possibility of sensor
malfunctions caused by erroneous wiring.
1
Reverse supply polarity protection circuit
2
Reverse output polarity protection circuit
3
Output short-circuit protection circuit
PM-25/45/65 SERIES
Ample beam emitting / receiving distance of
6 mm 0.236 in
The beam emitting and receiving sections are 0.5 mm
0.02 in thinner than those on our conventional models
while their external dimensions are the same. As a
result, the distance between the beam emitting point and
receiving point increased by 1 mm 0.039 in. The wider
distance means less possibility of collision between the
sensing section and sensing object.
PM-25/45/65 SERIES
Beam marks for easy adjustment
The upper-limit and lower-limit positions of beam can
be visually confirmed from the front, back, right and left
sides of the sensor unit. This allows easy adjustment of
the position of sensing object.
PM-25/45/65 SERIES
Industry’s first*! IP64 rating
Our original integrated molding method has eliminated
grooves and gaps on the sensing surface and main
body, thus reducing the possibility of malfunctions
caused by splashing water or dust.
PM-25/45 SERIES
No ridges on
sensing surface
No joint seam
13.4 0.528
6 0.236
(Unit: mm in)
3.7 0.146
Beam width
Lower-limit position
of beam axis
Upper-limit position
of beam axis
Beam width marks are provided on
PM25 series and PM45 series.
< Front / back >
< Right / left >
Certified
(Some models only)
*As of April 2017, in-company survey.
Recognition
PNP output
type available


Similar Part No. - PM-R25-C3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM-R24 ETC2-PM-R24 Datasheet
483Kb / 6P
Ultra-small U-shaped Micro Photoelectric Sensor
PM-R24-R ETC2-PM-R24-R Datasheet
483Kb / 6P
Ultra-small U-shaped Micro Photoelectric Sensor
PM-R24P ETC2-PM-R24P Datasheet
483Kb / 6P
Ultra-small U-shaped Micro Photoelectric Sensor
More results

Similar Description - PM-R25-C3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM-24 ETC2-PM-24 Datasheet
483Kb / 6P
Ultra-small U-shaped Micro Photoelectric Sensor Amplifier Built-in
PM2-LH10 ETC2-PM2-LH10 Datasheet
483Kb / 6P
Ultra-small U-shaped Micro Photoelectric Sensor
PM-Y64 ETC2-PM-Y64 Datasheet
705Kb / 8P
Connector Built-in U-shaped Micro Photoelectric Sensor
logo
SICK AG
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
logo
Shenzhen Titan Micro El...
TM-SX670 TITAN-TM-SX670 Datasheet
197Kb / 4P
Micro photoelectric sensor
logo
Panasonic Semiconductor
GX-F6A PANASONIC-GX-F6A Datasheet
990Kb / 16P
Rectangular-shaped Inductive Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com