Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC4XXXX Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PVC4XXXX
Description  Liquid Crystal Displays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PVC4XXXX Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PVC4XXXX Datasheet HTML 1Page - List of Unclassifed Manufacturers PVC4XXXX Datasheet HTML 2Page - List of Unclassifed Manufacturers PVC4XXXX Datasheet HTML 3Page - List of Unclassifed Manufacturers PVC4XXXX Datasheet HTML 4Page - List of Unclassifed Manufacturers PVC4XXXX Datasheet HTML 5Page - List of Unclassifed Manufacturers PVC4XXXX Datasheet HTML 6Page - List of Unclassifed Manufacturers PVC4XXXX Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Display
Model No.
Active
Module
Viewing
Backlight
Comments
Format
Area Size
(w x h x d1/d2)
Area
(Columns/
Diagonal
d1/d2 =
Lines)
without/with LED
96 x 64
PVG090601HCL
1,06"
30,3 x 29,4
24,0 x 16,7
LED white
transflective, 4k colours, Ctrl. IST3101
240 x 160
PVG241601HCL
1,4"
67,6 x 34,1
32,8 x 25,4
LED white
transmissive, 4k colours
128 x 128
PVG121205HCL
1,6"
36,0 x 44,2
32,7 x 29,3
LED white
transmissive, 65k colours, S6B33B0
128 x 128
AR128128MCIQW-H
1,7"
40,4 x 40,3
32,7 x 32,7
LED white
transflective, 4k colours, S1D15G10
128 x 128
PVG121204HCL
1,75"
38,5 x 63,2
33,4 x 33,4
LED white
transmissive, 65k colours, S6B33B0
128 x 160
PVG121604HCL
1,8"
34,7 x 48,7
36,0 x 30,5
LED white
transmissive, 65k colours, S6B33B0
128 x 160
PVG1216061CL
1,88"
40,1 x 55,5
32,0 x 39,4
LED white
transmissive, 65k colours, S6B33B0
128 x 160
PVG1216011CL
1,88"
38,9 x 61,0
32,0 x 39,4
LED white
transflective, 65k colours, S6B33B0
128 x 160
PVG1216031CL-0511
1,9"
38,5 x 51,9
42,4 x 33,1
LED white
transflective, 4k colours, HM17CM4096
128 x 160
PVG1216031CL-0681
1,9"
38,5 x 51,9
42,4 x 33,1
LED white
transflective, 65k colours, AR3302
160 x 160
PVG161605HCL
2,6"
62,2 x 76,8
51,3 x 51,3
LED white
transflective, 65k colours, driver only
160 x 160
PVG161606HCL
2,7"
74,6 x 62,1
52,0 x 52,0
LED white
transflective, 65k colours, touch, driver only
240 x 320
PVG322403HCL
3,1"
60,0 x 78,8
49,0 x 71,3
LED white
transflective, 65k colours, touch, driver only
240 x 320
PVG3224051CC
4,0"
76,8 x 100,5
62,8 x 82,8
CCFL
transmissive, 65k colours, touch, driver only
320 x 240
AR320240GRTCW
5,7"
154,6 x 114,8
118,2 x 89,4
CCFL
transflective, 4k colours, driver only
320 x 240
PVG322406HCC
5,7"
154,6 x 114,8
118,0 x 89,4
CCFL
transmissive, 65k colours, driver only
640 x 480
PVG6448011CC
8,2"
203,0 x 142,5
167,0 x 125,3
CCFL
transmissive, 65k colours, touch, driver only
Manufacturer: AR
= AMPIRE CO., LTD.
PVG = PICVUE ELECTRONICS, LTD.
Passive Colour LCD (Colour STN)
The
Whole
W orld
of
Components
Please ask our expert
Phone +49 (0)911- 9 34 08 - 0
We are pleased to give you the requested information.
Liquid Crystal
Displays



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com