Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC4XXXX Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PVC4XXXX
Description  Liquid Crystal Displays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PVC4XXXX Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  PVC4XXXX Datasheet HTML 1Page - List of Unclassifed Manufacturers PVC4XXXX Datasheet HTML 2Page - List of Unclassifed Manufacturers PVC4XXXX Datasheet HTML 3Page - List of Unclassifed Manufacturers PVC4XXXX Datasheet HTML 4Page - List of Unclassifed Manufacturers PVC4XXXX Datasheet HTML 5Page - List of Unclassifed Manufacturers PVC4XXXX Datasheet HTML 6Page - List of Unclassifed Manufacturers PVC4XXXX Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
We find the optimal solution for each application – contact us with your concerns. Experienced experts are ready to advise you.
Customer Specified Panels and Modules
LCD Technologies
• Monochrome: TN
Twisted Nematic
For duty rate up to 1/16 (segment displays)
HTN
High Twisted Nematic
For duty rate 1/8...1/16 (segment displays)
STN
Super Twisted Nematic
For duty rate from 1/16 (graphic displays)
"grey mode"
For white backlight (LED, CCFL, EL)
"yellow mode"
For LED backlight (yellow-green)
FSTN
Film Compensated STN
For displays with high resolution, fine structures
"black/white mode"
For white backlight (LED, CCFL, EL)
TDF
Transflective Diffusor Film
For displays with highest demands on readability
"paper white"
• Colour:
Colour STN
Assembling Techniques Glass to Controller/ Driver
• Pins
For contact density from 2.0 mm
• Zebra
For contact density from 0.4 mm
• Heatseal
For contact density from 0.2 mm
• TCP (Tape Carrier Package, Controller on Carrier Foil)
Very compact design
• COG (Chip On Glass)
Very compact design
• COF (Chip On Foil)
Very compact, passive components included
Backlight
• LED (Light Emitting Diodes)
For small and middle displays – all colours, white
• EL (Electroluminescence Foil)
For small, middle and big displays
• CCFL (Cold Cathode Fluorescence Lamp)
For big displays



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com