Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1DPQR Datasheet(PDF) 73 Page - STMicroelectronics

Part # STPMIC1DPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1DPQR Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STPMIC1DPQR Datasheet HTML 69Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 70Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 71Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 72Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 73Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 74Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 75Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 76Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 140 page
background image
6.2.5
Restart status register (RESTART_SR)
Table 23. RESTART_SR
7
6
5
4
3
2
1
0
OP_MODE
LDO4_SRC[1:0]
R_VINOK_FA
R_PKEYLKP
R_WDG
R_SWOFF
R_RST
R
R
R
R
R
R
R
R
Address: 0x05
Type: read register only
Default: b000x_xxxx where x depends on last restart condition
Description: Restart status register. This register mainly contains identification of the last restart condition. Either
turn-OFF condition with restart_request option set, or from RSTn assertion from application processor. (Refer to
Section 5.4.3 Turn-OFF conditions and restart_request) and Section 5.4.4 Reset and mask_reset option.
Bits prefixed with R_ are set during transition from POWER_DOWN to CHECK&LOAD.
This register also contains active operating mode (MAIN or ALTERNATE) and current LDO4 input source. (Refer
to Section 4.2.2 LDO regulators - special features).
[7]
OP_MODE: Operating mode. Signal if the STPMIC1 is in MAIN mode or ALTERNATE mode.
0: STPMIC1 is in MAIN mode
1: STPMIC1 is in ALTERNATE mode
[6 :5]
LDO4_SRC[1:0]: LDO4 input source. Provides status of LDO4 input switch selection.
00: LDO4 is OFF
01: VIN supply selected
10: VBUSOTG supply selected
11: BSTOUT supply selected
[4]
R_VINOK_FA: Restart is due to VINOK_Fall turn-OFF condition while RREQ_EN bit is set
0: False
1: True
[3]
R_PKEYLKP: Restart is due to PONKEYn long key press turn- OFF condition while RREQ_EN bit is set
0: False
1: True
[2]
R_WDG: Restart is due to watchdog turn-OFF condition while RREQ_EN bit is set
0: False
1: True
[1]
R_SWOFF: Restart is due to SWOFF turn-OFF condition while RREQ_EN bit is set
0: False
1: True
[0]
R_RST: Restart is due to RSTn signal asserted by application processor
0: False
1: True
STPMIC1
Status registers
DS12792 - Rev 7
page 73/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com