Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1DPQR Datasheet(PDF) 22 Page - STMicroelectronics

Part # STPMIC1DPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1DPQR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STPMIC1DPQR Datasheet HTML 18Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 19Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 20Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 21Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 22Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 23Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 24Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 25Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 140 page
background image
3.5
Application board curves
Unless otherwise specified, all typical curves are given as design guidelines.
Figure 3. BUCK1 efficiency
0
10
20
30
40
50
60
70
80
90
100
0.00001
0.0001
0.001
0.01
0.1
1
Load [A]
1.2Vout 5Vin LP
1.2Vout 3.6Vin LP
1.2Vout 3.6Vin HP
1.2Vout 5Vin HP
Figure 4. BUCK2 efficiency
0
10
20
30
40
50
60
70
80
90
100
0.00001
0.0001
0.001
0.01
0.1
1
Load [A]
1.2Vout 5Vin LP
1.2Vout 3.6Vin LP
1.35Vout 5Vin LP
1.2Vout 3.6Vin HP
1.2Vout 5Vin HP
1.35Vout 5Vin HP
Figure 5. BUCK3 efficiency
0
10
20
30
40
50
60
70
80
90
100
0.00001
0.0001
0.001
0.01
0.1
1
Load [A]
1.8Vout 5Vin LP
1.8Vout 3.6Vin LP
3.3Vout 5Vin LP
1.8Vout 5Vin HP
3.3Vout 5Vin HP
1.8Vout 3.6Vin HP
Figure 6. BUCK4 efficiency
0
10
20
30
40
50
60
70
80
90
100
0.00001
0.0001
0.001
0.01
0.1
1
Load [A]
1.2Vout 5Vin LP
1.2Vout 3.6Vin LP
3.3Vout 5Vin LP
1.8Vout 3.6Vin LP
1.2Vout 3.6Vin HP
1.8Vout 3.6Vin HP
1.2Vout 5Vin HP
3.3V 5Vin HP
Figure 7. Boost efficiency
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
1
10
100
1000
Load [mA]
VIN = 3V
VIN = 3.6V
VIN = 5V
VIN = 5.5V
Figure 8. Boost powered by 5 V supply having poor
performance
STPMIC1
Application board curves
DS12792 - Rev 7
page 22/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com