Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1DPQR Datasheet(PDF) 103 Page - STMicroelectronics

Part # STPMIC1DPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1DPQR Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STPMIC1DPQR Datasheet HTML 99Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 100Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 101Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 102Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 103Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 104Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 105Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 106Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 140 page
background image
6.5.5
Interrupt pending register 4 (INT_PENDING_R4)
Table 52. INT_PENDING_R4
7
6
5
4
3
2
1
0
SWIN_RI
SWIN_FA
reserved
reserved
VINLOW_RI
VINLOW_FA
THW_RI
THW_FA
R
R
R
R
R
R
R
R
Address: 0x53
Type: read register only
Default: 0x00
Description: interrupt pending register 4. Register is set to default on RSTn assertion
For all bits:
0: IT not pending
1: IT pending
[7]
SWIN_RI: Voltage on SWIN pin (PWR_SW input) rises above SWIN_Rise threshold
[6]
SWIN_FA: Voltage on SWIN pin (PWR_SW input) falls below SWIN_Fall threshold
[5 :4]
reserved
[3]
VINLOW_RI: VIN drops below VINLOW_Rise threshold
[2]
VINLOW_FA: VIN rises above VINLOW_Fall threshold
[1]
THW_RI: Temperature rises above Twrn_Rise threshold
[0]
THW_FA: Temperature drops below Twrn_Fall threshold
STPMIC1
Interrupt registers
DS12792 - Rev 7
page 103/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com