Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCI6XXX Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32WLE4JCI6XXX
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCI6XXX Datasheet(HTML) 2 Page - STMicroelectronics

  STM32WLE4JCI6XXX Datasheet HTML 1Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 2Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 3Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 4Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 5Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 6Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 7Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 8Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 145 page
background image
STM32WLE5/E4xx
2/145
DS13105 Rev 8
• 32 kHz oscillator for RTC with calibration
• High-speed internal 16 MHz factory trimmed
RC (± 1 %)
• Internal low-power 32 kHz RC
• Internal multi-speed low-power 100 kHz to
48 MHz RC
• PLL for CPU, ADC and audio clocks
Memories
• Up to 256-Kbyte Flash memory
• Up to 64-Kbyte RAM
• 20x32-bit backup register
• Bootloader supporting USART and SPI
interfaces
• OTA (over-the-air) firmware update capable
• Sector protection against read/write operations
Rich analog peripherals (down to 1.62 V)
• 12-bit ADC 2.5 Msps, up to 16 bits with
hardware oversampling, conversion range up
to 3.6 V
• 12-bit DAC, low-power sample-and-hold
• 2x ultra-low-power comparators
System peripherals
• Semaphores for processor firmware process
synchronization
Controllers
• 2x DMA controller (7 channels each)
supporting ADC, DAC, SPI, I2C, LPUART,
USART, AES and timers
• 2x USART (ISO 7816, IrDA, SPI)
• 1x LPUART (low-power)
• 2x SPI 16 Mbit/s (1 over 2 supporting I2S)
• 3x I2C (SMBus/PMBus™)
• 2x 16-bit 1-channel timer
• 1x 16-bit 4-channel timer (supporting
motor control)
• 1x 32-bit 4-channel timer
• 3x 16-bit ultra-low-power timer
• 1x RTC with 32-bit sub-second wakeup
counter
• 1x independent SysTick
• 1x independent watchdog
• 1x window watchdog
Up to 43 I/Os, most 5 V-tolerant
Development support
• Serial-wire debug (SWD), JTAG
All packages ECOPACK2 compliant
Table 1. Device summary
Reference
Part number
STM32WLE5xx microcontrollers
STM32WLE5C8, STM32WLE5CB, STM32WLE5CC
STM32WLE5J8, STM32WLE5JB, STM32WLE5JC
STM32WLE5U8, STM32WLE5UB, STM32WLE5UC
STM32WLE4xx microcontrollers
STM32WLE4C8, STM32WLE4CB, STM32WLE4CC
STM32WLE4J8, STM32WLE4JB, STM32WLE4JC
STM32WLE4U8, STM32WLE4UB, STM32WLE4UC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com