Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCI6XXX Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32WLE4JCI6XXX
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCI6XXX Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32WLE4JCI6XXX Datasheet HTML 35Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 36Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 37Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 38Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 39Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 40Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 41Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 42Page - STMicroelectronics STM32WLE4JCI6XXX Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 145 page
background image
DS13105 Rev 8
39/145
STM32WLE5/E4xx
Functional overview
48
3.16
Interrupts and events
3.16.1
Nested vectored interrupt controller (NVIC)
The devices embed an NIVC able to manage 16 priority levels, and to handle up to
62 maskable interrupt channels plus the 16 interrupt lines of the Cortex-M4.
The NVIC benefits are the following:
•
low-latency interrupt processing
•
interrupt entry vector table address passed directly to the core
•
early processing of interrupts
•
processing of late-arriving higher-priority interrupts
•
support for tail chaining
•
processor state automatically saved
•
interrupt entry restored on interrupt exit, with no instruction overhead
The NVIC hardware block provides flexible interrupt management features with minimal
interrupt latency.
3.16.2
Extended interrupt/event controller (EXTI)
The EXTI manages wakeup through configurable and direct event inputs. It provides wake-
up requests to the power control, and generates interrupt requests to the CPU NVIC and
events to the CPU event input.
Configurable events/interrupts come from peripherals that are able to generate a pulse and
allow the selection between the event/interrupt trigger edge and a software trigger.
Direct events/interrupts come from peripherals having their own clearing mechanism.
3.17
Cyclic redundancy check (CRC)
The CRC calculation unit is used to get a CRC code from 8-, 16- or 32-bit data word and a
generator polynomial.
Among other applications, CRC-based techniques are used to verify data transmission or
storage integrity. In the scope of the functional safety standards, they offer a means of
verifying the Flash memory integrity. The CRC calculation unit helps to compute a signature
of he software during runtime, to be compared with a reference signature generated at link
time and stored at a given memory location.
3.18
Analog-to-digital converter (ADC)
A native 12-bit ADC is embedded into the devices. It can be extended to 16-bit resolution
through hardware oversampling. The ADC has up to 12 external channels and four internal
channels (temperature sensor, voltage reference, VBAT(a) monitoring, DAC output). The
ADC performs conversions in single-shot or scan mode. In scan mode, automatic
conversion is performed on a selected group of analog inputs.
a. VDD on STM32WLE5/E4UxYx devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com