Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2860 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT2860
Description  6-Sound Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT2860 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT2860 Datasheet HTML 1Page - Holtek Semiconductor Inc HT2860 Datasheet HTML 2Page - Holtek Semiconductor Inc HT2860 Datasheet HTML 3Page - Holtek Semiconductor Inc HT2860 Datasheet HTML 4Page - Holtek Semiconductor Inc HT2860 Datasheet HTML 5Page - Holtek Semiconductor Inc HT2860 Datasheet HTML 6Page - Holtek Semiconductor Inc HT2860 Datasheet HTML 7Page - Holtek Semiconductor Inc HT2860 Datasheet HTML 8Page - Holtek Semiconductor Inc HT2860 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HT2860
6-Sound Generator
Pin Assignment
General Description
The HT2860 is a CMOS LSI chip designed for
use in sound effect products. It can generate six
sections of programmable sounds. The LSI is
equipped with tone circuit and control logic to
generate various sounds including door bell,
alarm, melodies, etc. Users can play not only
sound sections (S1~S6) by triggering a single
key (K1~K6), but serial sound sections by si-
multaneously triggering more than one key ac-
cording to the key priority where K1 is the
highest and K6 is the lowest. The customer’s
sound sample is analyzed and programmed into
an internal ROM by changing a mask layer
during device fabrication. The HT2860 is suit-
able for various toy applications.
Features
•
Single power supply: 2.4V~4.5V
•
Low standby current: 1
µA (Typ.)
at VDD=3V
•
Auto power-off function
•
Six different sound sections
•
K1 to K6 independently chosen or as
a cascade control
•
Speaker or direct piezo application
•
0.5Hz~1Hz LED flash output
•
Minimal external components
HT2860
– 18 DIP
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
OUT
OUT
TEST1
TEST2
PWR
VSS
KEY1
KEY2
KEY3
VDD
KEY6
KEY5
KEY4
KEY3
KEY2
KEY1
VSS
HT2860
– 16 DIP
OSC3
TEST3
OSC1
OSC2
OUT
OUT
TEST2
PWR
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
OSC2
OSC1
TEST3
LED
OSC3
VDD
KEY6
KEY5
KEY4
1
11th July ’97


Similar Part No. - HT2860

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT2800S HOTCHIP-HT2800S Datasheet
977Kb / 6P
Built- in 700V power BJT
HT2801S HOTCHIP-HT2801S Datasheet
1Mb / 6P
Built- in 800V power BJT
logo
HYES Optoelectronics, I...
HT2801UL HYES-HT2801UL Datasheet
797Kb / 25P
LCD MODULE (240 횞 RGB 횞 320)
logo
Hotchip Technology Co.,...
HT2802D HOTCHIP-HT2802D Datasheet
938Kb / 8P
Built-in 800V power BJT
HT2802S HOTCHIP-HT2802S Datasheet
983Kb / 8P
Built-in 800V power BJT
More results

Similar Description - HT2860

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT2813 HOLTEK-HT2813 Datasheet
292Kb / 13P
Single Sound Generator
10th July 97
logo
Unisonic Technologies
1618 UTC-1618 Datasheet
41Kb / 4P
6 KEYS SIREN/ALARM SOUND GENERATOR
1607 UTC-1607 Datasheet
43Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR
1617 UTC-1617 Datasheet
34Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_08 Datasheet
150Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
1617 UTC-1617_12 Datasheet
169Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_12 Datasheet
162Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
1607 UTC-1607_15 Datasheet
148Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1617 UTC-1617_15 Datasheet
210Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_15 Datasheet
195Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com