Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2860C Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT2860C
Description  6-Sound Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT2860C Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT2860C Datasheet HTML 1Page - Holtek Semiconductor Inc HT2860C Datasheet HTML 2Page - Holtek Semiconductor Inc HT2860C Datasheet HTML 3Page - Holtek Semiconductor Inc HT2860C Datasheet HTML 4Page - Holtek Semiconductor Inc HT2860C Datasheet HTML 5Page - Holtek Semiconductor Inc HT2860C Datasheet HTML 6Page - Holtek Semiconductor Inc HT2860C Datasheet HTML 7Page - Holtek Semiconductor Inc HT2860C Datasheet HTML 8Page - Holtek Semiconductor Inc HT2860C Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Pad Description
Pad No.
Pad Name
I/O
Internal
Connection
Description
1
LED
O
Inverter Out
LED flash output
2
OSC3
O
—
Vibration oscillator output
3
VDD
—
—
Positive power supply
4
KEY6
I
Pull-Low
KEY6 input, high active
5
KEY5
I
Pull-Low
KEY5 input, high active
6
KEY4
I
Pull-Low
KEY4 input, high active
7
KEY3
I
Pull-Low
KEY3 input, high active
8
KEY2
I
Pull-Low
KEY2 input, high active
9
KEY1
I
Pull-Low
KEY1 input, high active
10
VSS
—
—
Negative power supply, GND
11
PWR
I
—
Power on reset
12
TEST2
I/O
—
For IC test only
13
TEST1
I/O
—
For IC test only
14
OUT
O
Inverter Out
Sound output, normally low at the standby state
15
OUT
O
Inverter Out
Sound output, out of phase to pad 14
16
OSC2
O
—
Oscillator output
17
OSC1
I
—
Oscillator input
18
TEST3
I/O
—
For IC test only
Absolute Maximum Ratings*
Supply Voltage ................................. –0.3V to 5V
Storage Temperature................. –50
°C to 125°C
Input Voltage.................... VSS–0.3 to VDD+0.3V
Operating Temperature................... 0
°C to 70°C
*Note: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damageto the device. These are stress ratings only. Functional operation of this device at
these or any other conditions above those indicated in the operational sections of this
specification is not implied and exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
HT2860
3
11th July ’97



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com