Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2860C Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT2860C
Description  6-Sound Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT2860C Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT2860C Datasheet HTML 1Page - Holtek Semiconductor Inc HT2860C Datasheet HTML 2Page - Holtek Semiconductor Inc HT2860C Datasheet HTML 3Page - Holtek Semiconductor Inc HT2860C Datasheet HTML 4Page - Holtek Semiconductor Inc HT2860C Datasheet HTML 5Page - Holtek Semiconductor Inc HT2860C Datasheet HTML 6Page - Holtek Semiconductor Inc HT2860C Datasheet HTML 7Page - Holtek Semiconductor Inc HT2860C Datasheet HTML 8Page - Holtek Semiconductor Inc HT2860C Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical Characteristics
(Ta=25
°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
—
—
2.4
3
4.5
V
ISTB
Standby Current
3V
—
—
1
5
µA
IDD
Operating Current
3V
No load
—
100
200
µA
IOH
OUT Source Current
3V
VOH=2.5V
–1
–2
—
mA
IOL
OUT Sink Current
3V
VOL=0.5V
1
2
—
mA
ILED
LED Source Current
3V
VOH=2.5V
–0.7
–1.5
—
mA
fSYS
Oscillator Frequency
3V
ROSC=120k
Ω
—
128
—
kHz
VIH
“H” Input Voltage
3V
—
2.4
—
—
V
VIL
“L” Input Voltage
3V
—
—
—
0.6
V
Timing Diagram
HT2860
4
11th July ’97



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com