Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3356KB Datasheet(PDF) 2 Page - SHIKUES Electronics

Part # 2SC3356KB
Description  NPN Silicon RF Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics

2SC3356KB Datasheet(HTML) 2 Page - SHIKUES Electronics

  2SC3356KB Datasheet HTML 1Page - SHIKUES Electronics 2SC3356KB Datasheet HTML 2Page - SHIKUES Electronics 2SC3356KB Datasheet HTML 3Page - SHIKUES Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELE
Col
PAC
1:(
ECTRICAL
PARA
llector-base b
Collector c
Emitter cu
Transit
Output feed
Pow
Nois
CKAGE:SC
(
Base) 2:
CHARACT
AMETER
breakdown v
cut-off curren
ut-off curren
frequency
dback capacit
wer gain
se factor
C-59
(
Emitter)
ERISTICS (
SY
voltage
nt
nt
tor
|
3:(Coll
(Ta=25℃ unl
YMBLE
M
VCBO
ICBO
IEBO
fT
Cre
S21e |2
NF
lector)
less otherwis
MIN. TYP.
20
5
7
0.65
11
1.5
 
se specified)
MAX.
U
0.1
0.1
UNIT
V
μA
μA
GHz
pF
VC
dB
V
dB
V
TEST CO
IC=1
VCB
VEB
VCE=10V
CB=10V,IE=
CE
=10V,IC=
VCE=10V,IC=
ONDITION
1.0μA
B
=10V
B
=1V
V,IC=20mA
=0mA,f=1M
=20mA,f=1G
=7mA,f=1G
MHz
GHz
GHz
2SC3356K
2 of 3
REV.08



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com