Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3356KB Datasheet(PDF) 1 Page - SHIKUES Electronics

Part # 2SC3356KB
Description  NPN Silicon RF Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics

2SC3356KB Datasheet(HTML) 1 Page - SHIKUES Electronics

  2SC3356KB Datasheet HTML 1Page - SHIKUES Electronics 2SC3356KB Datasheet HTML 2Page - SHIKUES Electronics 2SC3356KB Datasheet HTML 3Page - SHIKUES Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN
·
U
·
S
·
H
·
hi
·
S
·
hi
Fea
High
Low
fT (T
Abs
Coll
Coll
Emi
Coll
Coll
Junc
Stor
hFE
Cla
M
N SILICON
Ultra high fre
ilicon epitax
High power g
igh dynamic
C-59 chip p
igh frequenc
ature
h gain:︱S21
w noise: NF
TYP.) :
solute Max
PAR
lector-base b
lector-emitte
itter-base bre
lector curren
lector Power
ction Temper
rage Tempera
E Classifica
assification
Marking
hFE
N RF TRA
equency low
xial bipolar p
gain, low no
c range and
package, mai
cy wideband
1
e︱2
TYP.
TYP.
TYP
imum Rati
RAMETER
breakdown vo
er breakdown
eakdown volt
nt
r Dissipation
rature
ature
ation (@VC
B
R
90-
ANSISTOR
w noise trans
process.
oise figure,
ideal curren
inly used in
d low noise a
Value is 11d
. Value is 1.5
P. Value is 7G
ings TA=25℃
oltage
n voltage
tage
CE=10V,IC
B
R24
-140
sistor
nt characteris
VHF, UHF
amplifier.
dB
@
V
5dB
@
V
GHz
@
V
℃
Unless Otherw
SYMBLE
VCBO
VCEO
VEBO
IC
PD
Tj
Tstg
C=20mA)
C
130-1
stics,
and CATV
VCE=10V,
VCE=10V,
VCE=10V,
wise noted
E
MAXIM
-65
R25
180
1:Ba
IC=20mA,
IC=7mA,
IC=20mA,
MUM VALU
20
12
3
100
200
150
~
+150 ℃
D
170-25
3
1
SC
ase 2:Em
f=1GHz
f=1GHz
f=1GHz
E
U
m
m
T
0
2
C-59
mitter 3:C
UNIT
V
V
V
mA
mW
℃
Tstg
Collector
2SC3356K
1 of 3
REV.08


Similar Part No. - 2SC3356KB

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3356 NEC-2SC3356 Datasheet
102Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR)
logo
Unisonic Technologies
2SC3356 UTC-2SC3356 Datasheet
105Kb / 3P
HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Guangdong Kexin Industr...
2SC3356 KEXIN-2SC3356 Datasheet
39Kb / 1P
NPN Silicon Epitaxial Transistor
logo
SeCoS Halbleitertechnol...
2SC3356 SECOS-2SC3356 Datasheet
251Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
logo
Weitron Technology
2SC3356 WEITRON-2SC3356 Datasheet
430Kb / 3P
High-Frequency Amplifier Transistor NPN Silicon
More results

Similar Description - 2SC3356KB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com