Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPD Datasheet(PDF) 1 Page - 3M Electronics

Part # PPD
Description  3M??Fire Barrier Plastic Pipe Device (PPD)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

PPD Datasheet(HTML) 1 Page - 3M Electronics

  PPD Datasheet HTML 1Page - 3M Electronics PPD Datasheet HTML 2Page - 3M Electronics PPD Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fire Protection Products
3M™ Fire Barrier Plastic Pipe Device (PPD)
Page 1 of 3
$
Technical Data Sheet
December / 2020
Product Description
3M™ Fire Barrier Plastic Pipe Device is a one-piece metallic collar assembly
encasing 3M™ Fire Barrier FS-195+ Intumescent Wrap Strip material.
Manufactured with 3M’s firestop technology, 3M™ Fire Barrier Plastic Pipe Device
has been designed to firestop non-metallic penetrations in fire rated assemblies,
helping prevent the passage of smoke and flames in the event of a fire.
3M™ Fire Barrier Plastic Pipe Device is used for new and retrofit installations and
will accommodate nominal 6 inch (168.3 mm actual) schedule 40 waste and vented
non-metallic penetrants.
Product Features
•
Intumescent – Expands when exposed to heat sealing voids created by
combustible items
•
One piece – making installation rapid and simple
•
Factory made, assuring consistent build quality
•
Smoke seal – retards spread of toxic by-products of combustion
Applications
3M™ Fire Barrier Plastic Pipe Device provides a rapid and simple method of sealing
concrete wall and floor assembly non-metallic penetrations where fire resistance is
needed.
3M™ Fire Barrier Plastic Pipe Device can be used to seal nominal 6 inch PVC pipes
penetrating up to 2-hour fire rated assemblies.
Assemblies may be constructed of solid concrete, concrete blocks and even hollow
core concrete floors. See a third-party Fire Resistance Directory for up to date
through penetration systems and designs.
Specifications
The penetration seal employing 3M™ Fire Barrier Plastic Pipe Device
must be capable of passing ASTM E814 (ANSI/UL 1479) Standard Method of Fire
Tests for Through Penetration Fire Stops up to the desired fire resistance. All
penetrations in fire-rated walls or floors shall be fitted and sealed with 3M Brand
Fire Barrier Products in accordance with a tested and listed third party
system/design and the manufacturer’s installation instructions. 3M™ Fire Barrier
Plastic Pipe Device installations shall meet the requirements of the IBC, IRC, IFC,
IPC, IMC, NFPA 5000, NEC (NFPA 70), NFPA 101 and NBCC


Similar Part No. - PPD

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
PPD MSYSTEM-PPD Datasheet
157Kb / 5P
Plug-in Signal Conditioners M-UNIT
logo
ABL Aluminium Component...
PPD ABL-PPD Datasheet
749Kb / 6P
HEATSINK SELECTION
logo
M-System Co.,Ltd.
PPD-A1A1N-K MSYSTEM-PPD-A1A1N-K Datasheet
157Kb / 5P
Plug-in Signal Conditioners M-UNIT
PPD-A1A1N-K/Q MSYSTEM-PPD-A1A1N-K/Q Datasheet
157Kb / 5P
Plug-in Signal Conditioners M-UNIT
PPD-A1A1N-P MSYSTEM-PPD-A1A1N-P Datasheet
157Kb / 5P
Plug-in Signal Conditioners M-UNIT
More results

Similar Description - PPD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1256 ETC2-D1256 Datasheet
448Kb / 1P
Fire Command Center, Fire Annunciator
logo
3M Electronics
B258 3M-B258 Datasheet
83Kb / 4P
3M Fire Barrier Block B258
615 3M-615 Datasheet
77Kb / 3P
Fire Barrier Duct Wrap 615
Sep-2014
1000NS 3M-1000NS Datasheet
734Kb / 2P
3M™ Fire Barrier Water Tight Sealants
PM4 3M-PM4 Datasheet
347Kb / 2P
3M Fire Barrier Packing Material PM4
2262 3M-2262 Datasheet
142Kb / 5P
3M™ Plastic Adhesive 2262
Mar-2015
MAT1-10 3M-MAT1-10 Datasheet
142Kb / 4P
Fire Protection Products 3M??Interam?
HP42 3M-HP42 Datasheet
338Kb / 6P
3M Scotch-WeldTM Pipe Sealant Anaerobic Adhesives
EC-4419 3M-EC-4419 Datasheet
38Kb / 4P
3M Scotch-GripTM Fire Resistant Rubber Based Adhesive
15WB 3M-15WB Datasheet
977Kb / 2P
3M??Fire Barrier Sealant IC 15WB
2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com