Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPD Datasheet(PDF) 2 Page - 3M Electronics

Part # PPD
Description  3M??Fire Barrier Plastic Pipe Device (PPD)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

PPD Datasheet(HTML) 2 Page - 3M Electronics

  PPD Datasheet HTML 1Page - 3M Electronics PPD Datasheet HTML 2Page - 3M Electronics PPD Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M Fire Protection Products
3M™ Fire Barrier Plastic Pipe Device (PPD)
Page 2 of 3
Performance and Typical Physical
Properties
Colors Available
Silver and Red
Unit
One (1) Steel collar with 3M™ Fire Barrier FS-195+
Intumescent Wrap Strip
Sizes Available
Nominal 6 in. (168.3 mm actual)
Installation Techniques
Equipment: 3M™ Fire Barrier Plastic Pipe Device may be applied in conjunction with
mechanical/masonry fasteners and steel washers. Power tools and hand tools may
be used for fastening material onto assemblies.
Preparatory Work: 3M™ Fire Barrier Plastic Pipe Device does not need any
preparatory work. Holes may be drilled in concrete assemblies for fastening.
Installation Details: Tightly wrap 3M™ Fire Barrier Plastic Pipe Device around
penetrating item. Device to be held in place using the closure tab. Device to be
fastened to the assembly using mechanical/masonry fasteners in conjunction with
steel washers.
Limitations: It is recommended that 3M™ Fire Barrier Plastic Pipe Device is applied
when the product is at a temperature between 40°F (4°C) and 110°F (43°C). It is
recommended that 3M™ Fire Barrier Plastic Pipe Device be applied when the
ambient air temperature is 32°F (0°C) or higher. Do not apply 3M™ Fire Barrier
Plastic Pipe Device to wet or frost-coated surfaces or to areas that are continuously
damp or immersed in water.
Maintenance
No maintenance is expected to be required when 3M™ Fire Barrier Plastic Pipe
Device is installed in accordance with manufacturer’s installation instructions. Once
installed, if 3M™ Fire Barrier Plastic Pipe Device is damaged, the following
procedure will apply: damaged device must be removed. Device must be replaced
with new product.
Storage and Shelf Life
3M™ Fire Barrier Plastic Pipe Device should be stored indoor in dry conditions. It
is recommended that the product remains in heated storage above 40°F (4°C)
prior to installation.
3M™ Fire Barrier Plastic Pipe Device shelf life is indefinite when stored indoor in
dry conditions above 40°F (4°C) and below 100°F (38°C ).
Availability
Available from 3M Authorized Fire Protection Products Distributors.
For additional technical and purchasing information, call 1-800-328-1687 or visit 3M.com/firestop.
Safe Handling
Consult Safety Data Sheet prior to handling and disposing of 3M™ Fire Barrier Plastic Pipe Device.
Technical Information
The technical information, recommendations and other statements contained in this document are
based upon tests or experience that 3M believes are reliable, but the accuracy or completeness of
such information is not guaranteed.
Product Use
Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the use
and performance of a 3M product in a particular application. Given the variety of factors that can affect



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com