Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3549 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3549
Description  3M Scotch-WeldTM Urethane Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3549 Datasheet(HTML) 2 Page - 3M Electronics

  3549 Datasheet HTML 1Page - 3M Electronics 3549 Datasheet HTML 2Page - 3M Electronics 3549 Datasheet HTML 3Page - 3M Electronics 3549 Datasheet HTML 4Page - 3M Electronics 3549 Datasheet HTML 5Page - 3M Electronics 3549 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3M™ Scotch-Weld™
Urethane Adhesives
3532 B/A • 3535 B/A • 3549 B/A
- 2 -
Application and
Equipment Suggestions
These products may be applied with spatula, trowel, or flow equipment. Appropriate
two-part metering and mixing equipment is also commercially available.
Directions for Use
1. Surfaces to be bonded must be dry and free from rust, oil, grease and wax.
Surfaces can be cleaned with an abrasive such as 3MTM Coated Abrasives (240
grit) followed by wiping with a solvent such as Scotch-GripTM Solvent No. 3.*
2. Primer Information:
3M™ Scotch-Weld™ Structural Adhesive Primer EC-3901 may be applied
by spray or brush. Air dry cycles for periods as short as 1/2 hour have been used
successfully with the force dry cycle. Humidity contributes greatly to satisfactory
use of this primer. Relative humidity of 25% or lower may cause difficulties and
should be thoroughly evaluated in the customers’ application.
The primed surface, after cooling to ambient temperatures, is ready for adhesive
bonding. The primed surface should be protected from contamination introduced
by dust, fingerprints, oil, etc.
See Data Sheet for Scotch-Weld Structural Adhesive Primer EC-3901 for
directions for use.
*Note: When using solvents, extinguish all ignition sources and follow the
manufacturer’s precautions and directions for use when handling such
materials.
3M™ Scotch-Weld™
Urethane Adhesive 3549 B/A
Base
Accelerator
Color (Cured: Brown)
Off-White
Brown
Base
Polyol
Isocyanate
Net Weight (lbs./gal.)
10.3
11.2
Viscosity
Brookfield RVF #6 sp.
Brookfield RVF #5 sp.
cps @ 75°F (24°C)
@ 10 rpm: 10,000-40,000 cps
@ 10 rpm: 15,000-40,000 cps
Mix Ratio: By Weight
100
109
By Volume
100
100
Work Life: 100 grams mixed at 75°F (24°C): 45-70 min.
Time to Reach Full Cure @ 75°F (24°C) 7 days.
Typical Physical
Properties (continued)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com