Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3549 Datasheet(PDF) 3 Page - 3M Electronics

Part # 3549
Description  3M Scotch-WeldTM Urethane Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3549 Datasheet(HTML) 3 Page - 3M Electronics

  3549 Datasheet HTML 1Page - 3M Electronics 3549 Datasheet HTML 2Page - 3M Electronics 3549 Datasheet HTML 3Page - 3M Electronics 3549 Datasheet HTML 4Page - 3M Electronics 3549 Datasheet HTML 5Page - 3M Electronics 3549 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3M™ Scotch-Weld™
Urethane Adhesives
3532 B/A • 3535 B/A • 3549 B/A
- 3 -
Overlap Shear Strength-Plastics: The following are typical data after a full cure
showing the adhesion of Scotch-Weld Urethane Adhesives 3532 B/A, 3535 B/A and
3549 B/A to various plastic substrates. All data were developed on 1/8-inch thick,
1/2-inch overlap, 1-inch wide specimens with .005-inch thick bondlines that had been
abraded and alcohol wiped prior to bonding. Values are in psi.
Tensile and Elongation: Scotch-Weld Urethane Adhesives 3532 B/A, 3535 B/A and
3549 B/A have been tested according to ASTM-D-738 at 2 inches/min. Cure: 1 hour
at 250°F (121°C), 30 min. at 285°F (141°C).
Temperature
Tensile
Elongation
Room Temperature
3000 psi
96%
Rate of Strength Buildup: The following are typical test data showing the rate of
strength buildup at various temperatures and times.
Substrate
Test Temperature
-40°F (-40°C)
75°F (24°C)
180°F (82°C)
Nylon
240
580
40
Lexan™
12403
18403
125
Plexiglass™
620
1300
70
FRP
16603
11503
180
Rigid PVC
370
960
110
ABS
4403
810
300
Polystyrene
330
530
110
3Denotes substrate failure.
Typical Performance
Characteristics
Overlap Shear Strength-Metals: The following are typical data after a full cure
showing the adhesion of 3M™ Scotch-Weld™ Urethane Adhesives 3532 B/A, 3535
B/A and 3549 B/A to various metal substrates. All aluminum data were developed on
.063-inch thick 2024 T-3 clad aluminum and all steel data on .035-inch cold rolled
steel. Test specimens were 1/2-inch overlap, 1-inch wide with .005-inch thick
bondlines pulled at a testing rate of .1-inch/min. All values are psi.
Substrate
Test Temperature
-40°F (-40°C)
75°F (24°C)
180°F (82°C)
Etched Aluminum
2500
2000
300
Abraded and Solvent Wiped Aluminum
2000
2000
300
Solvent Wiped Aluminum
1000
1000
100
Abraded and Solvent Wiped Steel
2000
1200
100
Solvent Wiped Steel
1000
700
20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com