Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC125AMTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74LVC125AMTR
Description  LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) HIGH PERFORMANCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVC125AMTR Datasheet(HTML) 5 Page - STMicroelectronics

  74LVC125AMTR Datasheet HTML 1Page - STMicroelectronics 74LVC125AMTR Datasheet HTML 2Page - STMicroelectronics 74LVC125AMTR Datasheet HTML 3Page - STMicroelectronics 74LVC125AMTR Datasheet HTML 4Page - STMicroelectronics 74LVC125AMTR Datasheet HTML 5Page - STMicroelectronics 74LVC125AMTR Datasheet HTML 6Page - STMicroelectronics 74LVC125AMTR Datasheet HTML 7Page - STMicroelectronics 74LVC125AMTR Datasheet HTML 8Page - STMicroelectronics 74LVC125AMTR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
74LVC125A
5/9
TEST CIRCUIT
RT =ZOUT of pulse generator (typically 50Ω)
TEST CIRCUIT AND WAVEFORM SYMBOL VALUE
Symbol
VCC
1.65 to 1.95V
2.3 to 2.7V
2.7V
3.0 to 3.6V
CL
30pF
30pF
50pF
50pF
RL =R1
1000
Ω
500
Ω
500
Ω
500
Ω
VS
2x VCC
2x VCC
6V
6V
VIH
VCC
VCC
2.7V
2.7V
VM
VCC/2
VCC/2
1.5V
1.5V
VOH
VCC
VCC
3.0V
3.0V
VX
VOL + 0.15V
VOL + 0.15V
VOL + 0.3V
VOL + 0.3V
VY
VOH - 0.15V
VOH - 0.15V
VOH - 0.3V
VOH - 0.3V
tr =tr
<2.0ns
<2.0ns
<2.5ns
<2.5ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com