Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC125AMTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LVC125AMTR
Description  LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) HIGH PERFORMANCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVC125AMTR Datasheet(HTML) 1 Page - STMicroelectronics

  74LVC125AMTR Datasheet HTML 1Page - STMicroelectronics 74LVC125AMTR Datasheet HTML 2Page - STMicroelectronics 74LVC125AMTR Datasheet HTML 3Page - STMicroelectronics 74LVC125AMTR Datasheet HTML 4Page - STMicroelectronics 74LVC125AMTR Datasheet HTML 5Page - STMicroelectronics 74LVC125AMTR Datasheet HTML 6Page - STMicroelectronics 74LVC125AMTR Datasheet HTML 7Page - STMicroelectronics 74LVC125AMTR Datasheet HTML 8Page - STMicroelectronics 74LVC125AMTR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
February 2002
s
5V TOLERANT INPUTS
s
HIGH SPEED: tPD = 4.8ns (MAX.) at VCC =3V
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 24mA (MIN) at VCC =3V
s
PCI BUS LEVELS GUARANTEED AT 24 mA
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 1.65V to 3.6V (1.2V Data
Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 125
s
LATCH-UP PERFORMANCE EXCEEDS
500mA (JESD 17)
s
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The 74LVC125A is a low voltage CMOS QUAD
BUS BUFFER fabricated with sub-micron silicon
gate and double-layer metal wiring C2MOS
technology. It is ideal for 1.65 to 3.6 VCC
operations
and
low
power
and
low
noise
applications.
It can be interfaced to 5V signal environment for
inputs in mixed 3.3/5V system.
These devices require the same 3-STATE control
input G to be taken high to make the output go in
to the high impedance state.
It has more speed performance at 3.3V than 5V
AC/ACT family, combined with a lower power
consumption.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74LVC125A
LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE)
HIGH PERFORMANCE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
SOP
74LVC125AM
74LVC125AMTR
TSSOP
74LVC125ATTR
TSSOP
SOP


Similar Part No. - 74LVC125AMTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVC125AMTR STMICROELECTRONICS-74LVC125AMTR Datasheet
239Kb / 12P
LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) HIGH PERFORMANCE
26-Jul-2004
More results

Similar Description - 74LVC125AMTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT125 STMICROELECTRONICS-74ACT125 Datasheet
75Kb / 8P
QUAD BUS BUFFERS 3-STATE
May-1997
74VHC125 STMICROELECTRONICS-74VHC125 Datasheet
61Kb / 8P
QUAD BUS BUFFERS 3-STATE
Jun-1999
74VHC126 STMICROELECTRONICS-74VHC126 Datasheet
61Kb / 8P
QUAD BUS BUFFERS (3-STATE)
Jun-1999
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
256Kb / 9P
QUAD BUS BUFFERS 3-STATE
March 2004
74LVX126TTR STMICROELECTRONICS-74LVX126TTR Datasheet
162Kb / 9P
LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) WITH 5V TOLERANT INPUTS
Jul-2001
74ACT125MTR STMICROELECTRONICS-74ACT125MTR Datasheet
178Kb / 9P
QUAD BUS BUFFERS (3-STATE)
Jul-2001
74LVC244A STMICROELECTRONICS-74LVC244A Datasheet
175Kb / 9P
LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) HIGH PERFORMANCE
Feb-2002
74LVC125A STMICROELECTRONICS-74LVC125A_04 Datasheet
239Kb / 12P
LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) HIGH PERFORMANCE
26-Jul-2004
74LVQ125 STMICROELECTRONICS-74LVQ125_04 Datasheet
232Kb / 12P
LOW VOLTAGE QUAD BUS BUFFERS (3-STATE)
29-Jul-2004
74LVX126 STMICROELECTRONICS-74LVX126_04 Datasheet
242Kb / 12P
LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) WITH 5V TOLERANT INPUTS
27-Aug-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com