Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1002CSF Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH1002CSF
Description  200 V, dual 5 A ultrafast rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1002CSF Datasheet(HTML) 5 Page - STMicroelectronics

  STTH1002CSF Datasheet HTML 1Page - STMicroelectronics STTH1002CSF Datasheet HTML 2Page - STMicroelectronics STTH1002CSF Datasheet HTML 3Page - STMicroelectronics STTH1002CSF Datasheet HTML 4Page - STMicroelectronics STTH1002CSF Datasheet HTML 5Page - STMicroelectronics STTH1002CSF Datasheet HTML 6Page - STMicroelectronics STTH1002CSF Datasheet HTML 7Page - STMicroelectronics STTH1002CSF Datasheet HTML 8Page - STMicroelectronics STTH1002CSF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Figure 7. Reverse recovery charges versus dIF/dt (typical
values, per diode)
0
40
80
120
160
200
0
100
200
300
400
500
QRR(nC)
dIF/dt(A/µs)
V
R = 160 V
T
j = 125 °C
I
F = IF(AV)
Figure 8. Reverse recovery softness versus dIF/dt (typical
values, per diode)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
100
200
300
400
500
S FACTOR
dIF/dt(A/µs)
V
R = 160 V
T
j = 125 °C
I
F = IF(AV)
Figure 9. Relative variations of dynamic parameters
versus junction temperature
0.0
0.4
0.8
1.2
1.6
2.0
25
50
75
100
125
Tj(°C)
V
R = 160 V
I
F = IF(AV)
Reference: T
j = 125 °C
I
RM
Q
RR
S
FACTOR
Figure 10. Junction capacitance versus reverse voltage
applied (typical values, per diode)
1
10
100
1
10
100
1000
C(pF)
F = 1 MHz
V
osc= 30 mVRMS
T
j = 25 °C
VR(V)
Figure 11. Thermal resistance junction to ambient versus copper surface under tab (typical values, epoxy
printed board FR4, eCu = 70 µm) (PSMC (TO-277A))
0
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
9
10
SCU(cm²)
Epoxy printed circuit board, copper thickness = 70 µm
Rth(j-a)(°C/W)
PSMC (TO-277A)
STTH1002CSF
Characteristics (curves)
DS13535 - Rev 1
page 5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com