Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1002CSF Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH1002CSF
Description  200 V, dual 5 A ultrafast rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1002CSF Datasheet(HTML) 4 Page - STMicroelectronics

  STTH1002CSF Datasheet HTML 1Page - STMicroelectronics STTH1002CSF Datasheet HTML 2Page - STMicroelectronics STTH1002CSF Datasheet HTML 3Page - STMicroelectronics STTH1002CSF Datasheet HTML 4Page - STMicroelectronics STTH1002CSF Datasheet HTML 5Page - STMicroelectronics STTH1002CSF Datasheet HTML 6Page - STMicroelectronics STTH1002CSF Datasheet HTML 7Page - STMicroelectronics STTH1002CSF Datasheet HTML 8Page - STMicroelectronics STTH1002CSF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1.1
Characteristics (curves)
Figure 1. Conduction losses versus average forward
current (per diode)
0
1
2
3
4
5
6
0
1
2
3
4
5
6
PF(AV)(W)
IF(AV)(A)
= 0.05
= 0.2
= 0.1
= 0.
= 1
T
=tp/T
tp
Figure 2. Forward voltage drop versus forward current
(typical values, per diode)
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.5
1.0
1.5
2.0
T j = 25 °C
T
j = 150 °C
I
F(A)
V
F(V)
T
j = 125 °C
Figure 3. Forward voltage drop versus forward current
(maximum values, per diode)
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.5
1.0
1.5
2.0
T j = 25 °C
T
j = 150 °C
I
F(A)
V
F(V)
T
j = 125 °C
Figure 4. Relative variation of thermal impedance junction
to case total versus pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
PSMC (TO-277A)
Single pulse
Z
th(j-c) / Rth(j-c)
t
p(s)
Figure 5. Peak reverse recovery current versus dIF/dt
(typical values, per diode)
0
2
4
6
8
10
12
0
100
200
300
400
500
I
RM(A)
V
R = 160 V
T
j = 125 °C
I
F = IF(AV)
dIF/dt(A/µs)
Figure 6. Reverse recovery time versus dIF/dt (typical
values, per diode)
0
10
20
30
40
50
60
0
100
200
300
400
500
trr (ns)
dIF/dt(A/µs)
V
R = 160 V
T
j = 125 °C
I
F = IF(AV)
STTH1002CSF
Characteristics (curves)
DS13535 - Rev 1
page 4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com