Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS2200 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # IPS2200
Description  Inductive Position Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2200 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button IPS2200 Datasheet HTML 9Page - Renesas Technology Corp IPS2200 Datasheet HTML 10Page - Renesas Technology Corp IPS2200 Datasheet HTML 11Page - Renesas Technology Corp IPS2200 Datasheet HTML 12Page - Renesas Technology Corp IPS2200 Datasheet HTML 13Page - Renesas Technology Corp IPS2200 Datasheet HTML 14Page - Renesas Technology Corp IPS2200 Datasheet HTML 15Page - Renesas Technology Corp IPS2200 Datasheet HTML 16Page - Renesas Technology Corp IPS2200 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
IPS2200 Datasheet
Jan.19.21
Page 13
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
transmitter frequency
range, VDD= 3.0 to 5.5V
IOUT3
Output current; 3.3V option
Output load current
-1
+1
mA
IOUT5
Output current; 5V option
-2
+2
mA
IOL
Output overload current,
20
30
mA
CRAW_l
Capacitive load, EMC filters
Refer to section 18 for
CO1 to CO4
47
nF
Noise
Device output noise
Maximum gain,
maximum setting for
integration cycles, no
output filtering, shorted
coil inputs
2
mVrms
Table 12. Back-End Specification, Quadrature Pulse Output Option, Pins A, A_N, B, and B_N
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VQUAD_OH
High level output voltage
Sign of demodulated input voltage:
high = positive; low = negative
70
100
%VDD
VQUAD_OL
Low level output voltage
0
30
IO_QUAD3
Output current; 3.3V option
Output load current
-0.5
+0.5
mA
IO_QUAD5
Output current; 5V option
-1
+1
mA
CRAW_l
Capacitive load
22
nF
VQUAD_TH_POS
Output switching positive
threshold
Comparator levels for changing
state of A, A_N, B, B_N digital
outputs, relative to amplified input
voltage
VOUT_CM+
0.05
V
VQUAD_TH_NEG
Output switching negative
threshold
VOUT_CM-
0.05
V
VQUAD_TH_HYST
Quadrature pulse
hysteresis
Relative to opposite channel
R1(Sin) vs. R2(Cos)
5
%
[a]
See Table 2 regarding which of the pins OUT1, OUT2, OUT3, and OUT4 are assigned as A, A_N, B, and B_N.
Table 13. Digital Control Interface, Pins CSN_IRQN, SIO_SDA, SCK_SCL
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VIH
High level input voltage,
all modes
CSN_IRQN address
select input,
SCK_SCL clock input,
SIO_SDA data input
70
100
%VDD
VIL3
Low level input voltage,
3.3V mode
0
30
%VDD
VIL3
Low level input voltage,
5V mode
0
20
%VDD
ILEAK
Input leakage current
-5
5
µA
VI_HYST
Input hysteresis
SCK_SCL clock input
100
mV
VOH
High level output voltage
All modes
80
100
%VDD
VOL_PP
Low level output voltage
– push/pull
Push/pull output
CSN_IRQN
0
20
%VDD
VOL_OD
Low level output voltage
– open drain
Open-drain output
SIO_SDA, 3mA sink
current
0
0.4
V
VIRQN_H
Over-voltage detection at
CSN_IRQN, SCK_SCL,
or SIO_SDA
Over-voltage on these
pins can be monitored
as a diagnostic feature
6.9
7.4
7.9
V
RPULLUP
Pull-up resistors for data
and chip select lines
SIO_SDA for I2C Mode;
CSN_IRQN for SPI
Mode.
1.8
10
kΩ
IOUT_SIO_SDA
Digital interface output
current
Pin SIO_SDA
-2
2
mA
CL
Capacitive load
All modes
400
pF
Table 14. Nonvolatile Memory
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
Data retention
According to AEC Q100
> 100 at 25°C
>13 at 85°C
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com