Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS2200 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # IPS2200
Description  Inductive Position Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2200 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button IPS2200 Datasheet HTML 17Page - Renesas Technology Corp IPS2200 Datasheet HTML 18Page - Renesas Technology Corp IPS2200 Datasheet HTML 19Page - Renesas Technology Corp IPS2200 Datasheet HTML 20Page - Renesas Technology Corp IPS2200 Datasheet HTML 21Page - Renesas Technology Corp IPS2200 Datasheet HTML 22Page - Renesas Technology Corp IPS2200 Datasheet HTML 23Page - Renesas Technology Corp IPS2200 Datasheet HTML 24Page - Renesas Technology Corp IPS2200 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
IPS2200 Datasheet
Jan.19.21
Page 21
11. Digital Diagnostics and Programming Interfaces
In order to program the IPS2200 and to enable fast diagnostics without interrupting the analog high speed signal
path, an additional digital serial interface is available.
The IPS2200 offers four modes of digital communication for the diagnostics and programming interface:
Half duplex SPI interface (default setting).
Half duplex SPI interface with interrupt (programming option).
I2C interface with interrupt (programming option).
I2C interface with address select (programming option).
11.1
Block Diagram
Figure 12 shows the block diagram of the IPS2200.
Power
Management
Configuration,
NVM
Oscillator
Rx Sine
Rx
Cosine
Programming
Interface (SPI, I2C)
Tx
RX1
RX2
RX3
RX4
TX1
TX2
CSN_IRQN
(SSN chip select for SPI or
IRQN interrupt for I2C or SPI)
Analog Front-End,
Demodulation,
Gain Adjustment
OUT1
OUT2
OUT3
OUT4
Sin_n / A_n
Diagnostics, Timer
SIO_SDA
SCK_SCL
Gain
Control
gain Sin
Protection
GND
VDDA
VDD
Offset
Control
gain Cos
offset Sin
offset Cos
IPS2200
VDDDigital
Figure 12. Block Diagram
The main building blocks include the following:
Power Management: power-on-reset (POR) circuit; low drop-out (LDO) regulators for analog and digital
supplies.
Oscillator: generation of the transmitter coil signal.
Analog Front-End:
o
Input filter, offset, and gain setting: analog AM signal preconditioning.
o
Synchronous integrator: demodulation of the AM signal.
Offset Control: correction of offsets at the receiver coil inputs RX1/RX2 and RX3/RX4.
Gain Control: correction of amplitude mismatching from RX1/RX2 and RX3/RX4 input signals.
Configuration, NVM: nonvolatile storage of factory and user-programmable settings.
Programming Interface: configuration, communication, and diagnostics via selectable I2C or SPI bidirectional
interface.
Diagnostics, Timer: Diagnostics for critical blocks to ensure functional safety and watchdog timer.
Protection: over-voltage, reverse polarity and short circuit protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com