Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMOD4450AI1R Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ZMOD4450AI1R
Description  Gas Sensor Module for Refrigeration Air Quality
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4450AI1R Datasheet(HTML) 1 Page - Renesas Technology Corp

  ZMOD4450AI1R Datasheet HTML 1Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 2Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 3Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 4Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 5Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 6Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 7Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 8Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Gas Sensor Module for
Refrigeration Air Quality
ZMOD4450
Datasheet
© 2019 Integrated Device Technology, Inc.
1
October 30, 2019
ZMOD4450
Gas Sensor Module
VSUPPLY
VSS
VDD
VDDH
SDA
SCL
VSS
RES_N
Algorithms
Post-Processing
INT
Power
Supply
VDDIO
Description
The ZMOD4450 Gas Sensor Module is designed for detecting
gases associated with food ripening or rotting and is targeted for
use in refrigeration air quality (RAQ) applications; for example, food
storage and shipping. The sensor is a 12-pin LGA assembly (3.0
3.0
 0.7 mm) that consists of a gas sense element and a CMOS
signal conditioning IC. The module’s sense element consists of a
heater element on a silicon-based MEMS structure and a metal
temperature sensor. It measures the MOx conductivity, which is a
function of the gas concentration.
The measurement results can be read via an I2C interface with the
user’s microprocessor, which processes the data to determine the
levels of gases present and to indicate the likelihood of food spoil-
age. With the ZMOD4450’s low operating current consumption, the
sensor is an excellent choice for low-voltage and low-power battery
applications. Built-in nonvolatile memory (NVM) stores the config-
uration and provides space for arbitrary user data.
Typical Applications
Refrigerator systems control
Measurement of fruit and vegetable quality
Monitors for fruit and vegetable shipping and storage
conditions for fruit and vegetable quality
Physical Characteristics
Target operation temperature: 0°C to 25°C
Supply voltage: 1.7V to 3.6V
Package: 12-LGA
Assembly size: 3.0
 3.0  0.7 mm
Available Support
ZMOD4450 Evaluation Kit
Manuals, application notes, and white papers
Instructional videos
Programming libraries, example codes, and algorithm
support to optimize performance
Features
Measurement of gases associated with food ripening and
storage: ethylene, amines, volatile sulfur compounds
Configurable methods of operation based on application and
use case
Heater driver and regulation loop for constant heater voltage
or constant heater resistance
Internal auto-compensated temperature sensor; not stress
sensitive
I2C interface: up to 400kHz
Configurable alarm/interrupt output with static and adaptive
levels
Adjustable ADC resolution for optimal speed versus
resolution: 16-bit maximum
Built-in nonvolatile memory (NVM) for user data
Low average power consumption in the mW range
Firmware upgradable platform for application optimizations,
such as ultra-low-power battery applications
No external trimming components required
External reset pin (active-LOW)
Customization for mobile and consumer applications
Siloxane resistant


Similar Part No. - ZMOD4450AI1R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZMOD4450AI1R RENESAS-ZMOD4450AI1R Datasheet
752Kb / 22P
Gas Sensor Module for Refrigeration Air Quality
June 30, 2021
More results

Similar Description - ZMOD4450AI1R

ManufacturerPart #DatasheetDescription
logo
ams AG
CCS811 AMSCO-CCS811 Datasheet
529Kb / 34P
Ultra-Low Power Digital Gas Sensor for Monitoring Indoor Air Quality
logo
Renesas Technology Corp
ZMOD4510 RENESAS-ZMOD4510 Datasheet
641Kb / 17P
Gas Sensor Module for Outdoor Air Quality
ZMOD4410 RENESAS-ZMOD4410 Datasheet
1Mb / 23P
Gas Sensor Module for TVOC and Indoor Air Quality
logo
Zhengzhou Winsen Electr...
MP503 WINSEN-MP503 Datasheet
722Kb / 7P
Air-Quality Gas Sensor
MP901 WINSEN-MP901 Datasheet
545Kb / 6P
Air-Quality Gas Sensor
MP905 WINSEN-MP905 Datasheet
783Kb / 7P
Air-Quality Gas Sensor
MQ135 WINSEN-MQ135 Datasheet
470Kb / 7P
Air Quality Gas Sensor
logo
SparkFun Electronics
SPX-16677 SPARKFUN-SPX-16677 Datasheet
226Kb / 2P
SparkX Refrigeration Gas Sensor - ZMOD4450 (Qwiic)
7??2??0
logo
Renesas Technology Corp
ZMOD4410 RENESAS-ZMOD4410_V01 Datasheet
1Mb / 26P
Gas Sensor Module for TVOC and Indoor Air Quality
December 17, 2021
ZMOD4450 RENESAS-ZMOD4450_V01 Datasheet
752Kb / 22P
Gas Sensor Module for Refrigeration Air Quality
June 30, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com