Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMOD4450AI1R Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZMOD4450AI1R
Description  Gas Sensor Module for Refrigeration Air Quality
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4450AI1R Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZMOD4450AI1R Datasheet HTML 9Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 10Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 11Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 12Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 13Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 14Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 15Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 16Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ZMOD4450 Datasheet
© 2019 Integrated Device Technology, Inc.
13
October 30, 2019
Figure 6. Bus Timing
Table 9.
Bus Timing Characteristics
Parameter
Symbol
Standard Mode
Fast Mode
Units
Maximum SCL clock frequency
fSCL
100
400
kHz
Minimum START condition hold time relative to SCL edge
tHDSTA
4
µs
Minimum SCL clock LOW width
tLOW
4.7
µs
Minimum SCL clock HIGH width
tHIGH
4
µs
Minimum START condition setup time relative to SCL edge
tSUSTA
4.7
µs
Minimum data hold time on SDA relative to SCL edge
tHDDAT
0
µs
Minimum data setup time on SDA relative to SCL edge
tSUDAT
0.1
0.1
µs
Minimum STOP condition setup time on SCL
tSUSTO
4
µs
Minimum bus free time between stop condition and start condition
tBUS
4.7
µs
SDA
SCL
tHDSTA
tLOW
tHDDAT
tSUDAT
tHIGH
tSUSTA
tHDSTA
tSUSTO
tBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com