Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB201S Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # DB201S
Description  Glass Passivated Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

DB201S Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  DB201S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd DB201S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd DB201S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Characteristic Curves
1.0
2.0
Fig.1 Forward Current Derating Curve
20
30
40
50
Fig.2 Maximum Non-Repetitive Peak
Forward Surge Current
0
0
30
60
90
120
150
Lead Temperature(℃)
0
10
1
10
100
Number of Cycles 60 HZ
0.01
0.1
1.0
10
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6
Instantaneous Forward Voltage(V)
Fig.3 Typical Instantaneous Forward
Characteristics
0.001
0.01
0.1
1
10
100
0
204060
80
100
Percent Reted Peak Reverse Voltage(%)
Fig.4 Typicl Reverse Leakage Characteristics
(T = 25 °C unless otherwise noted)
A
0.5
1.5
T
J = 100°C
T
J = 125 °C
DB201S~DB207S
Rev : 01.06.2014
2/3
www.leiditech.com
Rev : 01.06.2014
2/3
www.leiditech.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com