Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB201S Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # DB201S
Description  Glass Passivated Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

DB201S Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  DB201S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd DB201S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd DB201S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
J
Maximum Ratings & Thermal Characteristics (T = 25 °C unless otherwise noted)
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbol
Items
VRRM
V
Peak Repetitive Reverse Voltage
Maximun DC Blocking Voltage
600
800
1000
V
DB
201S
DB
202S
50
100
UNIT
200
400
DB
203S
DB
204S
DB
205S
DB
206S
DB
207S
VDC
Maximun DC Blocking Voltage
RMS Reverse Voltage
Average Rectified Output Current @TL=90℃
VR(RMS)
IO
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load(JEDEC Method)
Typical thermal resistance per element
IFSM
RθJA
℃
/ W
A
50
40
V
A
420
560
2.0
700
140
280
35
70
Electrical Characteristic (TA = 25 °C unless otherwise noted)
TJ
TSTG
yp
p
θJA
Operating junction temperature range
Storage temperature range
℃
℃
–55 to +150
–55 to +150
Note2: Pulse test:300μs pulse width,1% duty cycle.
Instantaneous forward voltage per leg
IF=2.0A
(2)
1.1
V
Reverse current
VR=VDC
TA=25℃
IR
-5
μA
TA=125℃
-
-
500
-
Items
Test conditions
Symbol
Min
Type
VF
--
Max
UNIT
RθθJL
15
Note:1.Units mounted on PCB with 0.51" x 0.51" (13 mm x 13 mm) copper pads
DB201S~DB207S
Glass Passivated Bridge Rectifier
Features
●
Glass passivated die construction
●
Low leakage
●
Ideal for printed circuit board application
●
●
High temperature soldering guaranteed:
260°C/5 seconds
●
Component in accordance to
RoHS 2011/65/EU
Mechanical Date
●
Case:DB-S
Molding compound meets
UL 94 V-0 flammability rating
●
Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
●
Polarity: Marked on case
●
Mounting Position: Any
●
Marking: type number
DB-S
~
~
Major Ratings and Characteristics
IF(AV)
2.0A
50 V to 1000 V
50A
1.1V
150°C
VRRM
IFSM
VF
TJmax.
Surge overload ratings to 50 amperes
Rev : 01.06.2014
1/3
www.leiditech.com
Rev : 01.06.2014
1/3
www.leiditech.com


Similar Part No. - DB201S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DB201S SECOS-DB201S Datasheet
106Kb / 2P
2.0 Amp Surface Mount Bridge Rectifiers
logo
Rectron Semiconductor
DB201S RECTRON-DB201S Datasheet
378Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
SeCoS Halbleitertechnol...
DB201S SECOS-DB201S Datasheet
151Kb / 2P
2.0 Amp Surface Mount Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DB201S LUGUANG-DB201S Datasheet
164Kb / 2P
Silicon Bridge Rectifiers
logo
Kwang Myoung I.S. CO.,L...
DB201S KISEMICONDUCTOR-DB201S Datasheet
252Kb / 2P
2 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - DB201S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBJ10005 CHONGQING-GBJ10005 Datasheet
43Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 CHONGQING-GBJ15005 Datasheet
43Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
GBU4A CHONGQING-GBU4A Datasheet
41Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
GBU6A CHONGQING-GBU6A Datasheet
41Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diotech Company.
GBJ4005 DIOTECH-GBJ4005 Datasheet
953Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU402H ZOWIE-GBU402H Datasheet
72Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
GBU1002 ZOWIE-GBU1002 Datasheet
74Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
KBP2005 SKTECHNOLGY-KBP2005 Datasheet
635Kb / 3P
Glass Passivated Bridge Rectifier
logo
Pan Jit International I...
DXK410 PANJIT-DXK410 Datasheet
218Kb / 5P
Glass Passivated Bridge Rectifier
REV.01 June 21,2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com