Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB34S Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MB34S
Description  Schottky Mount glass Passivatd Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MB34S Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MB34S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MB34S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MB34S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Characteristics Curves (T
A=25℃ unless otherwise noted)
0
0.5
1
1.5
2
2.5
3
3.5
0
30
60
90
120
150
Lead Temperature(
°C)
Fig.1 Foward Current Derating Curve
0
20
40
60
80
100
1
10
100
Fig.2 Maximum Non-Repetitive Peak Forward
Surge Current
Number of Cycles at 60Hz
0.01
0.1
1
10
100
0.2
0.5
0.7
0.9
1.1
1.3
Instantaneous Forward Voltage (V)
Fig.3 Typical Forward Current
Characteristics
0.01
0.1
1
10
100
0
20
40
60
80
100
Fig.4 Typical Reverse Characteristics
TJ
=100°C
Percent of Rated Peak Reverse Voltage (%)
7
MB32S~MB345S
MB35S~MB36S
MB38S~MB310S
MB315S~MB320S
MB325S
TJ
=25°C
MB32S~MB325S
Rev 2.0 :
www.leiditech.com
12.01.2019
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com