Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB34S Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MB34S
Description  Schottky Mount glass Passivatd Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MB34S Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MB34S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MB34S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MB34S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
●
Schottky brrier chip
●
Low power loss,high efficiency
●
Ideally suited for automatic assembly
●
High temperature soldering
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2011/65/EU
Mechanical Date
●
Case: MBS
Molding compound meets
UL 94 V-0 flammability rating
●
Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
●
Polarity:As marked on case
●
Marking: type number
Maximum Ratings & Thermal Characteristics (T
A=25℃ unless otherwise noted)
Electrical Characteristics (T
A=25℃ unless otherwise noted)
MB
325S
MB315S~
MB320S
MB38S~
MB310S
MB35S~
MB36S
MB32S~
MB345S
Items
Forward voltage per element at IF=3.0A
Peak reverse current at rated DC
blocking voltage
0.55
0.70
0.85
0.90
0.92
0.1
0.05
5.0
10
30
40
45
21
28
30
40
3.0
80
16
-55 to +150
MB
34S
MB
33S
MB
32S
Symbol
Items
Maximum repetitive peak
reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward
rectified current at TL=65℃
VRRM
VRMS
VDC
20
14
20
IF(AV)
TA=25℃
TA=100
VF
IR
Unit
Symbol
Peak forward surge current 8.3
ms single half sine-wave
superimposed on rated load
Thermal resistance from junction
to lead
(1)
Operating junction and storage
temperature range
IFSM
RθJL
TJ ,TSTG
50
60
80
100
150
200
250
50
60
80
100
150
200
250
250
200
105
70
56
42
35
31
45
Unit
MB
325S
MB
320S
MB
315S
MB
310S
MB
38S
MB
36S
MB
35S
MB
345S
V
V
Note 1: Mounted on aluminum substrate PC board with 1.3mm
2 solder
V
mA
A
A
℃/W
℃
V
Major Ratings and Characteristics
3.0A
VRRM
20 V to 250 V
IFSM
80A
VF
0.55V,0.7V,0.85V,0.9V,0.92V
TJmax.
150°C
IF(AV)
~
~
℃
MB32S~MB325S
Schottky Mount glass Passivatd Bridge Rectifier
Rev 2.0 :
www.leiditech.com
12.01.2019
1/3


Similar Part No. - MB34S

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MB34S YFWDIODE-MB34S Datasheet
438Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
MB34S YFWDIODE-MB34S Datasheet
501Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
logo
SHIKUES Electronics
MB34S SKTECHNOLGY-MB34S Datasheet
298Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
logo
Shanghai Shunye Electro...
MB34S SHUNYE-MB34S Datasheet
648Kb / 2P
3A SURFACE MOUNT SCHOTTKY BRIDGE
logo
DONGGUAN YOU FENG WEI E...
MB34S-MBS YFWDIODE-MB34S-MBS Datasheet
438Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
More results

Similar Description - MB34S

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
DF005S ZOWIE-DF005S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Gaomi Xinghe Electronic...
ABS1 GXELECTRONICS-ABS1 Datasheet
317Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
B1S GXELECTRONICS-B1S Datasheet
316Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Jing Heng Electro...
ABS202 JINGHENG-ABS202 Datasheet
46Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB101S JINGHENG-DB101S Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1S JINGHENG-MB1S Datasheet
51Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB10S JINGHENG-MB10S Datasheet
51Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Leiditech Elec...
MB1S LEIDITECH-MB1S Datasheet
543Kb / 3P
Schottky Mount glass Passivatd Bridge Rectifier
logo
Pan Jit International I...
ABS2MS PANJIT-ABS2MS Datasheet
512Kb / 5P
Surface Mount Glass Passivated Bridge Rectifier
REV.02 July 05,2021
PMS410 PANJIT-PMS410 Datasheet
240Kb / 5P
Surface Mount Glass Passivated Bridge Rectifier
REV.00
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com