Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMB10S Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # VMB10S
Description  Infinitesimal surface mount bridge rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

VMB10S Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  VMB10S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd VMB10S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd VMB10S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd VMB10S Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Characteristics Curves
0.01
0.1
1
10
100
0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
Instantaneous Forward Voltage (V)
Fig.3 Typical Forward Current Characteristics
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
Fig.4 Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
TJ = 25 °C
TJ = 125 °C
25
50
75
100
125
0
20
40
60
80
100 120 140 160 180
Fig.5 Junction temperature vs. conduction angle
Conduction angle(°)
TA=25℃
VRMS =220V
IF(AV) =0.15A
VMB4S~VMB10S
Rev : 01.12.2020
3/4
www.leiditech.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com