Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMB10S Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # VMB10S
Description  Infinitesimal surface mount bridge rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

VMB10S Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  VMB10S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd VMB10S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd VMB10S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd VMB10S Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VMB4S~VMB10S
Infinitesimal surface mount bridge rectifier
Features
●
Low profile space
●
Ideal for printed circuit board
●
Low reverse leakage
●
Applicated in power supply equipment
●
High ring wave immunity capability
●
High temperature soldering guaranteed:
260°C/10 seconds
●
Component in accordance to
RoHS 2011/65/EU and WEEE 2002/96/EC
Mechanical Date
●
Case:IBS
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
●
Terminals: Solder plated, solderable per
Major Ratings and Characteristics
MIL-STD-750, Method 2026
●
Polarity: Mark a dot at the positive position
The other end on the same side is negative
AC pole is on the other side
●
Mounting Position: Any
IF(AV)
0.8A
400V to1000V
30A
1.0V
125°C
VRRM
IFSM
VF
TJmax.
08B7
+
~
-
~
Maximum Ratings & Thermal Characteristics (T
A=25℃ unless otherwise noted)
Items
-55 to +125
RθJA
(1)
180
Average forward rectified current
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
700
1000
0.8
30
3.7
Rating for fusing (t < 8.3 ms)
Thermal resistance from junction to ambient
Operating junction and storage temperature range
Thermal resistance from junction to lead
VMB8S
VMB6S
VMB4S
IF(AV)
A
800
420
560
600
800
1000
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
℃/W
Note 1:On 1.6mm thick glass epoxy P.C.B.(1OZ) mounted on 0.05 x 0.05" (1.3 x 1.3 mm) solder pads.
A
2s
RθJL
A
I
FSM
35
I
2t
TJ ,TSTG
V
VRMS
V
V
VDC
VRRM
Symbol
Unit
400
280
400
600
VMB10S
Rev : 01.12.2020
1/4
www.leiditech.com


Similar Part No. - VMB10S

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
VMB10S JUXING-VMB10S Datasheet
1Mb / 3P
Infinitesimal surface mount bridge rectifier
More results

Similar Description - VMB10S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
U01501BRM PANJIT-U01501BRM Datasheet
145Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
B1S YENYO-B1S Datasheet
525Kb / 2P
Surface Mount Bridge Rectifier
logo
Rugao Dachang Electroni...
ABS2 DACHANG-ABS2_15 Datasheet
135Kb / 2P
Surface Mount Bridge-Rectifier
DB101S DACHANG-DB101S_15 Datasheet
126Kb / 2P
Surface Mount Bridge-Rectifier
logo
Shanghai Leiditech Elec...
IB034S LEIDITECH-IB034S Datasheet
817Kb / 3P
Infinitesimal surface mount bridge rectifier
IB054S LEIDITECH-IB054S Datasheet
864Kb / 3P
Infinitesimal surface mount bridge rectifier
logo
Guangdong Juxing Electr...
IB054S JUXING-IB054S Datasheet
1Mb / 3P
Infinitesimal surface mount bridge rectifier
VMB4S JUXING-VMB4S Datasheet
1Mb / 3P
Infinitesimal surface mount bridge rectifier
VMB054S JUXING-VMB054S Datasheet
1Mb / 3P
Infinitesimal surface mount bridge rectifier
IB034S JUXING-IB034S Datasheet
1Mb / 3P
Infinitesimal surface mount bridge rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com