Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9021 Datasheet(PDF) 16 Page - Gennum Corporation

Part # GS9021
Description  EDH Coprocessor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9021 Datasheet(HTML) 16 Page - Gennum Corporation

Back Button GS9021 Datasheet HTML 12Page - Gennum Corporation GS9021 Datasheet HTML 13Page - Gennum Corporation GS9021 Datasheet HTML 14Page - Gennum Corporation GS9021 Datasheet HTML 15Page - Gennum Corporation GS9021 Datasheet HTML 16Page - Gennum Corporation GS9021 Datasheet HTML 17Page - Gennum Corporation GS9021 Datasheet HTML 18Page - Gennum Corporation GS9021 Datasheet HTML 19Page - Gennum Corporation GS9021 Datasheet HTML 20Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
521 - 65 - 05
16
CS = HIGH
R/W = HIGH
A/D = DON'T CARE (BUT NOT FLOATING)
P[7:0] = N/C
5.1 I²C Serial Interface
The I²C interface consists of a bi-directional serial data pin
(SDA) and a serial clock input pin (SCL). In addition, 3 input
pins, A[2:0] are provided to assign the chip one of eight
possible I²C addresses (0001A2A1A0).
During an I²C write operation, the first byte written to the
chip (after the device has been addressed) is interpreted
as the starting HOSTIF write table address for the
communication. This starting address value must be set to
1. The next byte is interpreted as data to be written to the
specified
address.
The
address
then
automatically
increments so that the following bytes are written to
subsequent addresses.
When executing a read operation, a write must be per-
formed first to load the desired starting address. The
starting address value loaded must be set to 1. After this,
bytes read from the chip will begin at this address and will
auto-increment. If the read operation is halted and
communication with the chip is later established for another
read, the chip will resume reading at the next HOSTIF
memory address.
In I²C mode, P[7:5] and A/D must be set LOW while R/W
and CS must be set HIGH.
5.2 Parallel Interface
The asynchronous parallel interface consists of an 8-bit
multiplexed address/data bus (P[7:0]), a chip select pin
(CS), a read/write pin (R/W), and an address/data pin (A/D).
The following should be noted when interfacing to the
parallel port:
A) Read/Write
cycles
via
the
parallel
interface
are
completely independent and asynchronous to the
parallel clock PCLKIN.
B) Signals are "strobed" into/out of the parallel port on the
falling edge of the CS signal. Setup and hold times, as
defined in the AC timing tables, are relative to this edge
and must be met (see Figure 8a)
C) The GS9021 drives the P[7:0] bus when the R/W pin is
HIGH and the CS pin is LOW. At all other times, the
P[7:0] port is in a high impedance state. The host
interface enable and disable times are shown in Figure
8b and are specified in the AC timing information. In this
figure, the rising/falling edges of R/W and CS are not
aligned to illustrate that the state of the P[7:0] I/Os is
only a combinatorial function of the R/W and CS pins.
A write cycle to the parallel interface is shown in Figure 8c.
The starting address of the operation is written to the chip
by putting the R/W pin LOW (indicating write) and the A/D
pin high (indicating ADDRESS). At t0, the falling edge of CS
strobes in the information. Following this, the A/D line
should be asserted LOW indicating data. The R/W line
remains LOW indicating a write operation and at t1 the data
is strobed into the device.
A read example follows the write cycle. Note that the read
cycle begins with a write operation to indicate the starting
address. At t2, R/W is LOW (indicating write), A/D is HIGH
(indicating address) and P[7:0] represent the starting
address for the read cycle. After sufficient hold time, the
microcontroller releases the P[7:0] bus and the R/W is
asserted HIGH to indicate a read operation. At t3, the CS is
asserted low causing the GS9021 to present the required
data on the P[7:0] bus.
If
two
consecutive
data
read/write
operations
are
performed, the device will automatically increment the
address.
However,
for
a
completely
random-access
operation, the address can be specified prior to every data
read/write operation.
PIN
LOGIC OPR
HOST BIT
SCL
SDA
A[2:0]
PIN
LOGIC OPR
HOST BIT
P[7:0]
A/D
R/W
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com