Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9021 Datasheet(PDF) 2 Page - Gennum Corporation

Part # GS9021
Description  EDH Coprocessor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9021 Datasheet(HTML) 2 Page - Gennum Corporation

  GS9021 Datasheet HTML 1Page - Gennum Corporation GS9021 Datasheet HTML 2Page - Gennum Corporation GS9021 Datasheet HTML 3Page - Gennum Corporation GS9021 Datasheet HTML 4Page - Gennum Corporation GS9021 Datasheet HTML 5Page - Gennum Corporation GS9021 Datasheet HTML 6Page - Gennum Corporation GS9021 Datasheet HTML 7Page - Gennum Corporation GS9021 Datasheet HTML 8Page - Gennum Corporation GS9021 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
521 - 65 - 05
2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
Supply Voltage
-0.3V to 6.0V
Input Voltage Range (any input)
-0.3 to VDD + 0.3V
Operating Temperature Range
0°C to 70°C
Storage Temperature
-55°C to 150°C
Lead Temperature (soldering, 10 sec)
260°C
DC ELECTRICAL CHARACTERISTICS
VDD = 5.0V, TA = 0 to 70°C unless otherwise shown.
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VDD
4.75
5.0
5.25
V
Supply Current Unloaded
Ι
DD
27MHz
-
39
-
mA
54MHz
-
75
-
mA
TTL Compatible CMOS Inputs
VILMAX
--
0.8
V
VIHMIN
2.0
-
-
V
Ι
IN
VIN = VDD or GND
-
-
150
µA
1
--
1
2
CIN
-10-
pF
TTL Compatible CMOS Outputs
VOLMAX
at
Ι
OUT
--
0.4
V
VOHMIN
at
Ι
OUT
2.4
-
-
V
Ι
OUT
-4
-
mA
3
-2
-
mA
4
NOTES
1. The following inputs have internal pull-up resistors: R/T. The following inputs have internal pull-down resistors: FLYWIS, LSB_TOP,
CRC_MODE, RESET, FLAG_MAP, HOSTIF_MODE and DIN[9:0].
2. All other inputs.
3. The following outputs have 4mA drivers (typical): S[1:0], FL[4:0], DOUT[9:0], H, V and F[2:0].
4. The following outputs have 2mA drivers (typical): P[7:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com