Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS160PR412RUAR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # DS160PR412RUAR
Description  DS160PR412 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 1:2 Demux
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS160PR412RUAR Datasheet(HTML) 34 Page - Texas Instruments

Back Button DS160PR412RUAR Datasheet HTML 29Page - Texas Instruments DS160PR412RUAR Datasheet HTML 30Page - Texas Instruments DS160PR412RUAR Datasheet HTML 31Page - Texas Instruments DS160PR412RUAR Datasheet HTML 32Page - Texas Instruments DS160PR412RUAR Datasheet HTML 33Page - Texas Instruments DS160PR412RUAR Datasheet HTML 34Page - Texas Instruments DS160PR412RUAR Datasheet HTML 35Page - Texas Instruments DS160PR412RUAR Datasheet HTML 36Page - Texas Instruments DS160PR412RUAR Datasheet HTML 37Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
www.ti.com
PACKAGE OUTLINE
3.6
3.4
9.1
8.9
0.8
0.6
0.05
0.00
2X 8
38X 0.5
2X 1.5
42X
0.5
0.3
42X
0.3
0.2
7.55 0.1
2.05 0.1
(0.1) TYP
WQFN - 0.8 mm max height
RUA0042A
PLASTIC QUAD FLATPACK - NO LEAD
4219139/A 03/2020
0.08 C
0.1
C A B
0.05
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
SYMM
EXPOSED
THERMAL PAD
SYMM
1
17
18
21
22
38
39
42
43
SCALE 1.800
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com