Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS160PR412RUAR Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # DS160PR412RUAR
Description  DS160PR412 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 1:2 Demux
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS160PR412RUAR Datasheet(HTML) 36 Page - Texas Instruments

Back Button DS160PR412RUAR Datasheet HTML 29Page - Texas Instruments DS160PR412RUAR Datasheet HTML 30Page - Texas Instruments DS160PR412RUAR Datasheet HTML 31Page - Texas Instruments DS160PR412RUAR Datasheet HTML 32Page - Texas Instruments DS160PR412RUAR Datasheet HTML 33Page - Texas Instruments DS160PR412RUAR Datasheet HTML 34Page - Texas Instruments DS160PR412RUAR Datasheet HTML 35Page - Texas Instruments DS160PR412RUAR Datasheet HTML 36Page - Texas Instruments DS160PR412RUAR Datasheet HTML 37Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
12X (0.92)
12X (0.97)
(0.585)
TYP
(0.56) TYP
42X (0.6)
42X (0.25)
38X (0.5)
(3.3)
(8.8)
(R0.05) TYP
WQFN - 0.8 mm max height
RUA0042A
PLASTIC QUAD FLATPACK - NO LEAD
4219139/A 03/2020
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.125 MM THICK STENCIL
SCALE: 12X
EXPOSED PAD 43
69% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
SYMM
SYMM
1
17
18
21
22
38
39
42
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com