Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF325 Datasheet(PDF) 2 Page - 3M Electronics

Part # AF325
Description  Scotch-WeldTM Low Density Composite Surfacing Film
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF325 Datasheet(HTML) 2 Page - 3M Electronics

  AF325 Datasheet HTML 1Page - 3M Electronics AF325 Datasheet HTML 2Page - 3M Electronics AF325 Datasheet HTML 3Page - 3M Electronics AF325 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ Scotch-Weld™
Low Density Composite Surfacing Film AF 325 • AF 325LS
Technical Datasheet
- 2 -
Composite Surfacing
Properties
1. Resin bubbling or resin penetration of the prepreg resin through the film has
not been seen. There are no indications of this phenomenon occurring.
2. Both 3M™ Scotch-Weld™ Low Density Composite Surfacing Film AF 325
and AF 325LS are used in the manufacture of composite parts where both
surfacing and lightning strike performance are required. In these applications,
it has been found to provide a smooth, void-free surface when processed
according to the product application guidelines below.
3. Finished parts that were surfaced using the Scotch-Weld AF 325 Film that
were subsequently exposed to 120°F (49°C)/100% RH did not show
degradation of the surfacing film.
Product Application
Guidelines
Proper application of the film is a key factor in achieving a smooth, void-free surface.
The major objective of the following procedure is to minimize air entrapment
between the surfacing film and the tool surface. Improper lay-up or debulking could
result in a rough, porous surface that may require additional finishing.
1. Allow film to warm to room temperature before removing the roll from the
sealed poly bag. Bag should be dry and free of condensation before film is
removed.
2. Unroll and cut film to the desired size.
3. Remove the paper liner from the film. Leave poly liner on film to minimize
contamination and provide best handling characteristics for conformability.
4. Place the film on a release coated tool surface being careful not to entrap air
between film and the tool. A gradual rolling out technique is suggested.
5. Remove any entrapped air with a rubber roller. Use firm pressure and roll from
the center of the tool toward the outside of the tool, gradually working air out of
the part.
6. Remove the protective poly liner. A piece of tape attached to the liner will assist
in removal.
7. Cover the film with a non-stick bleeder cloth or release liner and debulk using
standard prepreg vacuum bagging procedures. A minimum of 25 in. (635 mm)
Hg and a temperature of 60-80°F (16-27°C) for a duration of 5 minutes
minimum is suggested.
8. Carefully remove the bleeder cloth or release liner.
9. Complete prepreg lay-up directly onto the film.
10. Thoroughly debulk the entire part before initiating the cure cycle.
Poly Liner
Tool Surface
AF 325LS Film
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Poly Liner
Tool Surface
Scotch-Weld
AF 325/AF 325LS Film



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com