Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF325 Datasheet(PDF) 3 Page - 3M Electronics

Part # AF325
Description  Scotch-WeldTM Low Density Composite Surfacing Film
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF325 Datasheet(HTML) 3 Page - 3M Electronics

  AF325 Datasheet HTML 1Page - 3M Electronics AF325 Datasheet HTML 2Page - 3M Electronics AF325 Datasheet HTML 3Page - 3M Electronics AF325 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M™ Scotch-Weld™
Low Density Composite Surfacing Film AF 325 • AF 325LS
Technical Datasheet
- 3 -
Cure Cycle
Suggested Cure Cycle
Temperature rise rate between 2-20°F per minute (1-10°C per minute)
Vent vacuum when the autoclave pressure reaches approximately 15-20
PSI (0.10-0.14) Hold 60 - 90 minutes at 250°F (121°C) or 350°F (177°C)
with 10 PSI (0.07MPa) pressure.
Suggested Finishing
Techniques
Proper use of the film can help reduce or eliminate most of the material and labor
involved in typical fill and sand operations. Simple sanding to remove mold release
agents is all that is normally required prior to application of filler primer.
1. Wipe off the tool release coating from the cured film surface using unsized
cheesecloth and a general purpose cleaner.* Wipe dry with unsized cheesecloth.
*Note: When using solvents, extinguish all ignition sources, including pilot lights.
Read and follow manufacturer’s precautions and directions for use.
2. Composite parts surfaced with the film can be finished with either hand sanding
or machine (dual-action) sanding methods.
a. Hand Sanding
i. Use only 320 grit or finer open coat abrasives. Coarser grits may cause the
formation of pinhole defects in the adhesive surface.
ii. Wet sand with water using moderate pressure until the desired finish is
achieved. 10-20 strokes is typical.
b. Machine (Dual Action) Sanding
i. Use only 320 grit or finer open coat abrasives. Coarser grits may cause the
formation of pinhole defects in the adhesive surface.
ii. Wet sand with water using moderate pressure until the desired finish is
achieved. 1-2 passes will be typical.
3. Panels surfaced with the film can be primed and painted using standard aerospace
painting and finishing procedures.
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com