Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF6 Datasheet(PDF) 4 Page - 3M Electronics

Part # AF6
Description  3M Scotch-WeldTM Structural Adhesive Films
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF6 Datasheet(HTML) 4 Page - 3M Electronics

  AF6 Datasheet HTML 1Page - 3M Electronics AF6 Datasheet HTML 2Page - 3M Electronics AF6 Datasheet HTML 3Page - 3M Electronics AF6 Datasheet HTML 4Page - 3M Electronics AF6 Datasheet HTML 5Page - 3M Electronics AF6 Datasheet HTML 6Page - 3M Electronics AF6 Datasheet HTML 7Page - 3M Electronics AF6 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Scotch-WeldTM
Structural Adhesive Films
AF 6 • AF 10 • AF 13
- 4 -
Test Condition
Tensile Shear
Test Temp.
Test Results
-67F (-55°C)
2800 psi (19.3 MPa)
75°F (24°C)
2800 psi (19.3 MPa)
180°F (82°C)
1600 psi (8.6 MPa)
T-Peel Strength
Test Temp.
Test Results
75°F (24°C)
35 piw (156 N/25mm)
Thermal Conductivity: 0.062 BTU/HR/FT2/°F/FT
Product
Performance
(continued)
3M™ Scotch-Weld™ Structural Adhesive Film AF 13
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
The following is a summary of typical test results for Scotch-Weld AF 13 when bonded specimens
were prepared and tested in accordance with Military Specification MMM-A-132 Type 1, Class 2.
Application
3M™ Scotch-Weld™ Structural Adhesive Films AF 6, AF 10 and AF 13
Proper adhesive application is an important as proper bond design and adhesive choice to obtain
maximum joint properties. Improper adhesive application techniques can result in partial or
complete failure of an assembly.
Adhesive performance data reported in an earlier section (Test Results) was developed using the
following suggested procedures. Variations from these procedures should be fully evaluated to
ensure bond properties sufficient to meet the requirements of your particular assembly.
Surface
Preparation
3M™ Scotch-Weld™ Structural Adhesive Films AF 6, AF 10 and AF 13
Aluminum (optimized FPL etch – 3M Company)
1. Vapor – Degrease – Perchloroethylene condensing vapors for 5-10 minutes.
2. Alkaline Degrease – Oakite 164 solution 9-11 oz./gallon water at 190 ± 10°F (87 ± 6°C) for
10-20 minutes. Rinse immediately in large quantities of cold running water.
3. Acid Etch* – Place panels in the following solution for 10 minutes at 150°F ± 5°F
(66°C ± 3°C).
Sodium Dichromate (Na2Cr2O7•2H2O)
4.1-4.9 oz./gallon (32.04-38.29 ml/liter)
Sulfuric Acid, 66° Be
38.5-41.5 oz./gallon (300.8-324.3 ml/liter)
2024T-3 aluminum (dissolved)
0.2 oz./gallon 1.56 ml/liter)minimum
Tap Water
Balance
*Review and follow component suppliers environmental, health and safety recommendations
prior to preparing this etch solution. Caution: Use adequate respiratory, eye and skin
protection when using etch solutions.
4. Rinse – Rinse panels in clear running tap water.
5. Dry – Air dry 15 minutes; force dry 10 minutes at 150°F ± 10°F (66°C ± 6°C).
6. It is advisable to coat freshly cleaned surfaces with adhesive within 4 hours after surface
preparation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com