Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF6 Datasheet(PDF) 7 Page - 3M Electronics

Part # AF6
Description  3M Scotch-WeldTM Structural Adhesive Films
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF6 Datasheet(HTML) 7 Page - 3M Electronics

  AF6 Datasheet HTML 1Page - 3M Electronics AF6 Datasheet HTML 2Page - 3M Electronics AF6 Datasheet HTML 3Page - 3M Electronics AF6 Datasheet HTML 4Page - 3M Electronics AF6 Datasheet HTML 5Page - 3M Electronics AF6 Datasheet HTML 6Page - 3M Electronics AF6 Datasheet HTML 7Page - 3M Electronics AF6 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Scotch-WeldTM
Structural Adhesive Films
AF 6 • AF 10 • AF 13
Storage
3M™ Scotch-Weld™ Structural Adhesive Films AF 6, AF 10 and AF 13
Storage at 40°F ± 5°F (4°C ± 3°C) is suggested for adhesive film to obtain maximum
shelf life. Rotate stock on a “first-in – first out” basis.
Caution: Adhesive film should be permitted to thoroughly warm to room
temperature 75°F ± 5°F (24°C ± 3°C) before being used to prevent
moisture condensation.
Shipping Information
3M™ Scotch-Weld™ Structural Adhesive Films AF 6, AF 10 and AF 13
National Motor Freight Classification:
Adhesive, NOI
The following information is provided to help you determine the proper packaging, labeling
and marking in accordance with hazardous materials regulations.
D.O.T. Proper Shipping Name:
Not regulated
D.O.T. Hazard Classification:
Not regulated
Technical Name of Hazardous Ingredient:
Not applicable
Flash Point:
None
3M™ Scotch-Weld™ Structural Adhesive Primer EC-1290-10%
National Motor Freight Classification:
Paint and related material
The following information is provided to help you determine the proper packaging, labeling
and marking in accordance with hazardous materials regulations.
D.O.T. Proper Shipping Name:
Paint, Liquid
D.O.T. Hazard Classification:
Flammable Liquid UN1263
Technical Name of Hazardous Ingredient:
Ethyl alcohol
Flash Point:
55°F (13°C) (C.C.)
- 7 -



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com