Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9456 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC9456
Description  2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9456 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC9456 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MPC9456
MOTOROLA
TIMING SOLUTIONS
8
Figure 6. PCLK MPC9456 AC test reference for Vcc = 3.3V and Vcc = 2.5V
Differential
Pulse Generator
Z = 50
W
RT = 50Ω
ZO = 50Ω
RT = 50Ω
ZO = 50Ω
MPC9456 DUT
VCC – 2V
VTT
Figure 7. Output Transition Time Test Reference
Figure 8. Propagation delay (tPD) test reference
Figure 9. Output Duty Cycle (DC)
Figure 10. Output–to–output Skew tSK(O)
The pin–to–pin skew is defined as the worst case difference
in propagation delay between any similar delay path within a
single device
The time from the PLL controlled edge to the non controlled
edge, divided by the time between PLL controlled edges,
expressed as a percentage
VCC
VCCB2
GND
tP
T0
DC = tP/T0 x 100%
tF
tR
VCC=3.3V
VCC=2.5V
2.4
1.8V
0.55
0.6V
VCC
VCCB2
GND
VOH
VCCB2
GND
VCC
VCCB2
GND
t(LH)
PCLK
QX
PCLK
VCMR
VPP
t(HL)
tSK(LH)
tSK(HL)
Figure 11. Output Transition Time test reference
tF
tR
VCC=3.3V
VCC=2.5V
2.4
1.8V
0.55
0.6V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com