Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9456 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC9456
Description  2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9456 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC9456 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9456 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order Number: MPC9456/D
Rev 1, 03/2002
1
© Motorola, Inc. 2002
2.5V and 3.3V LVCMOS Clock
Fanout Buffer
The MPC9456 is a 2.5V and 3.3V compatible 1:10 clock distribution
buffer designed for low-voltage mid-range to high-performance telecom,
networking and computing applications. Both 3.3V, 2.5V and dual supply
voltages are supported for mixed-voltage applications. The MPC9456
offers 10 low-skew outputs and a differential LVPECL clock input. The
outputs are configurable and support 1:1 and 1:2 output to input
frequency ratios. The MPC9456 is specified for the extended temperature
range of –40 to 85
°C.
Features
• Configurable 10 outputs LVCMOS clock distribution buffer
• Compatible to single, dual and mixed 3.3V/2.5V voltage supply
• Wide range output clock frequency up to 250 MHz
• Designed for mid-range to high-performance telecom, networking and
computer applications
• Supports high-performance differential clocking applications
• Max. output skew of 200 ps (150 ps within one bank)
• Selectable output configurations per output bank
• Tristable outputs
• 32 ld LQFP package
• Ambient operating temperature range of –40 to 85°C
Functional Description
The MPC9456 is a full static design supporting clock frequencies up to
250 MHz. The signals are generated and retimed on-chip to ensure
minimal skew between the three output banks.
Each of the three output banks can be individually supplied by 2.5V or 3.3V supporting mixed voltage applications. The FSELx
pins choose between division of the input reference frequency by one or two. The frequency divider can be set individually for
each of the three output banks. The MPC9456 can be reset and the outputs are disabled by deasserting the MR/OE pin (logic
high state). Asserting MR/OE will enable the outputs.
All control inputs accept LVCMOS signals while the outputs provide LVCMOS compatible levels with the capability to drive
terminated 50
Ω transmission lines. The clock input is low voltage PECL compatible for differential clock distribution support.
Please consult the MPC9446 specification for a full CMOS compatible device. For series terminated transmission lines, each of
the MPC9456 outputs can drive one or two traces giving the devices an effective fanout of 1:20. The device is packaged in a 7x7
mm2 32-lead LQFP package.
FA SUFFIX
LQFP PACKAGE
CASE 873A–02
MPC9456
LOW VOLTAGE SINGLE OR
DUAL SUPPLY 2.5V AND 3.3V
LVCMOS CLOCK
DISTRIBUTION BUFFER
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC9456

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
More results

Similar Description - MPC9456

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
MPC9446 MOTOROLA-MPC9446 Datasheet
217Kb / 12P
2.5V and 3.3V LVCMOS Clock Fanout Buffer
MPC9443 MOTOROLA-MPC9443 Datasheet
333Kb / 16P
2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9446 IDT-MPC9446 Datasheet
708Kb / 11P
3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9446AC IDT-MPC9446AC Datasheet
376Kb / 12P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
MPC9446 RENESAS-MPC9446 Datasheet
363Kb / 13P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
2019
MPC9447 RENESAS-MPC9447 Datasheet
325Kb / 12P
3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com