Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3018BA2C Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # ZSSC3018BA2C
Description  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3018BA2C Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button ZSSC3018BA2C Datasheet HTML 26Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 27Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 28Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 29Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 30Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 31Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 32Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 33Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
ZSSC3018 Datasheet
© 2020 Renesas Electronics Corporation
30
September 8, 2020
Figure 3.12
I2C Read Data
S
SlaveAddr
1 A
Status
A
MemDat
<15:8>
A
MemDat
<7:0>
N P
S
SlaveAddr
1 A
Status
A
SensorDat
<15:8>
A
SensorDat
<7:0>
N P
A
TempDat
<15:8>
A
TempDat
<7:0>
Read Data (I2C Read)
(a) Example: after the completion of a Memory Read command
read
(b) Example: after the completion of a Measure command (AAHEX)
read
SensorDat
<23:16>
A
A
TempDat
<23:16>
All mandatory I²C-bus protocol features are implemented. Optional features like clock stretching, 10-bit slave address, etc., are not supported
by the ZSSC3018’s interface.
In I²C High Speed Mode, a command consists of a fixed length of three bytes.
3.6 Memory
In the ZSSC3018, the memory is organized in 16-bit wide registers and can be programmed multiple (at least 1000) times (MTP). There are 57
x 16-bit registers available for customer use. Each register can be re-programmed. Basically, there are two MTP content sectors:
Customer Use: Accessible by means of regular write operations (40HEX to 79HEX). It contains: the customer ID, interface setup data,
measurement setup information, calibration coefficients, etc.
Renesas Use: Only accessible for write operations by Renesas. The Renesas sector contains specific trim information and is
programmed during manufacturing test by Renesas.
3.6.1 Programming Memory
Programming memory is possible with any specified supply voltage level at VDD. The MTP programming voltage itself is generated by means
of an integrated charge pump, generating an internal memory programming voltage; no additional external voltage, other than VDD (as
specified), needed. A single 16-bit register write will be completed within 16ms after the respective programming command has been sent. After
the memory is programmed, it must be read again to verify the validity of the memory contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com