Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3018BA2C Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # ZSSC3018BA2C
Description  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3018BA2C Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button ZSSC3018BA2C Datasheet HTML 29Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 30Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 31Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 32Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 33Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 34Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 35Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 36Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
ZSSC3018 Datasheet
© 2020 Renesas Electronics Corporation
33
September 8, 2020
MTP Address
Word / Bit
Range
Default
Setting
Description
Notes / Explanations
0BHEX
15:0
0000HEX
Gain_T[15:0]
Bits [15:0] of the 24-bit absolute value of the temperature
gain coefficient Gain_T.
(The MSBs of this coefficient including sign are
Gain_T[23:16], which is bits[15:8] in 11HEX.)
0CHEX
15:0
0000HEX
SOT_T[15:0]
Bits [15:0] of the 24-bit 2nd-order term SOT_T applied to the
temperature reading.
(The MSBs of this coefficient including sign are
SOT_T[23:16], which is bit[7:0] in 11HEX.)
0DHEX
7:0
00HEX
Gain_S[23:16]
Bits [23:16] including sign for the 24-bit sensor gain
correction coefficient Gain_S. (The LSBs of this coefficient
are Gain_S[15:0] in register 04HEX.)
15:8
00HEX
Offset_S[23:16]
Bits [23:16] including sign for the 24-bit sensor offset
correction coefficient Offset_S. (The LSBs are
Offset_S[15:0] in register 03HEX.)
0EHEX
7:0
00HEX
Tco[23:16]
Bits [23:16] including sign for the 24-bit coefficient Tco for
temperature correction for the sensor offset. (The LSBs are
Tco[15:0] in register 06HEX.)
15:8
00HEX
Tcg[23:16]
Bits [23:16] including sign for the 24-bit-wide coefficient Tcg
for the temperature correction of the sensor gain. (The
LSBs are Tcg[15:0] in register 05HEX.)
0FHEX
7:0
00HEX
SOT_tcg[23:16]
Bits [23:16] including sign for the 24-bit 2nd order term
SOT_tcg applied to Tcg. (The LSBs are SOT_tcg[15:0] in
register 08HEX.)
15:8
00HEX
SOT_tco[23:16]
Bits [23:16] including sign for the 24-bit 2nd order term
SOT_tco applied to Tco. (The LSBs are SOT_tco[15:0] in
register 07HEX.)
10HEX
7:0
00HEX
Offset_T[23:16]
Bits [23:16] including sign for the 24-bit temperature offset
correction coefficient Offset_T. (The LSBs are
Offset_T[15:0] in register 0AHEX.)
15:8
00HEX
SOT_sens[23:16]
Bits [23:16] including sign for the 24-bit 2nd order term
SOT_sens applied to the sensor readout.
(The LSBs are SOT_sens[15:0] in register 09HEX.)
11HEX
7:0
00HEX
SOT_T[23:16]
Bits [23:16] including sign for the 24-bit 2nd-order term
SOT_T applied to the temperature reading. (The LSBs are
SOT_T[15:0] in register 0CHEX.)
15:8
00HEX
Gain_T[23:16]
Bits [23:16] including sign for the 24-bit absolute value of
the temperature gain coefficient Gain_T. (The LSBs are
Gain_T[15:0] in register 0BHEX.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com