Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3123 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ZSSC3123
Description  cLite??Capacitive Sensor Signal Conditioner
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ZSSC3123 Datasheet HTML 35Page - Renesas Technology Corp ZSSC3123 Datasheet HTML 36Page - Renesas Technology Corp ZSSC3123 Datasheet HTML 37Page - Renesas Technology Corp ZSSC3123 Datasheet HTML 38Page - Renesas Technology Corp ZSSC3123 Datasheet HTML 39Page - Renesas Technology Corp ZSSC3123 Datasheet HTML 40Page - Renesas Technology Corp ZSSC3123 Datasheet HTML 41Page - Renesas Technology Corp ZSSC3123 Datasheet HTML 42Page - Renesas Technology Corp ZSSC3123 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
ZSSC3123 Datasheet
© 2018 Integrated Device Technology, Inc.
39
August 16, 2018
An analog output value is created by low-pass filtering the output; a simple first-order RC filter will work in this application. Select the time
constant of the filter based on the requirements for settling time and/or peak-to-peak ripple.
Important: The resistor of the RC filter must be ≥10k
.
The following table shows some filter examples using a 10k
 resistor.
Table 24. Low Pass Filter Example for R = 10k
Filter Capacitance (nF)
PDM_C
Desired Analog
Output Resolution
VPP Ripple (mV/V)
0 to 90% Settling Time (ms)
100
4.3
2.3
8
400
1.0
9.2
10
1600
0.3
36.8
12
6400
0.1
147.2
14
For a different (higher) resistor, the normalized ripple VPP[mV/V] can be calculated as:
   
VPP mV / V
R k
C nF

4324
()
Equation 14
or the settling time tSETT for a 0% to 90% settling can be calculated as:
 
   
SETT
t
ms
.
R k
C nF
0 0023
Equation 15
The ZSSC3123 provides high and low clipping limits for the PDM output. EEPROM words PDM_Clip_High and PDM_Clip_Low (EEPROM
registers 16HEX and 17HEX; see Table 28) are the 14-bit high and low clipping limit registers respectively. The 14-bit values map directly to the
output of the IC and can be calculated as:
* clip _ level _%
PDM _Clip ROUND
14
2
()
100
Equation 16
These registers apply to both PDM_C and PDM_T. Since diagnostics are reported via the PDM_C or PDM_T pin (see section 10.4), clipping
limits allow diagnostics to be differentiated from the normal output. For detection of the diagnostic signal, a PDM_Clip_High limit of 97.5%
(3E66HEX) or lower is recommended.
Important: The default values for the high and low clipping limits (00HEX) are not compatible with PDM output, so the clipping limits must be
changed if the PDM output is used. Otherwise, the PDM output will not function as expected. If the PDM output is not used, it is important to
retain the default values of 00HEX for the clipping limits.
10.8 Alarm Output
The alarm output can be used to monitor whether a corrected capacitance reading has exceeded or fallen below pre-programmed values. The
alarm can be used to drive an open-drain load connected to VDD, as demonstrated in section 14.2, or it can function as a full push-pull driver.
If a high voltage application is required, external devices can be controlled with the Alarm pins, as demonstrated in section 14.3.
The two alarm outputs can be used at the same time, and these alarms can be used in combination with any of the other three modes; I2C,
SPI, or PDM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com