Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3123 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZSSC3123
Description  cLite??Capacitive Sensor Signal Conditioner
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZSSC3123 Datasheet HTML 17Page - Renesas Technology Corp ZSSC3123 Datasheet HTML 18Page - Renesas Technology Corp ZSSC3123 Datasheet HTML 19Page - Renesas Technology Corp ZSSC3123 Datasheet HTML 20Page - Renesas Technology Corp ZSSC3123 Datasheet HTML 21Page - Renesas Technology Corp ZSSC3123 Datasheet HTML 22Page - Renesas Technology Corp ZSSC3123 Datasheet HTML 23Page - Renesas Technology Corp ZSSC3123 Datasheet HTML 24Page - Renesas Technology Corp ZSSC3123 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
ZSSC3123 Datasheet
© 2018 Integrated Device Technology, Inc.
21
August 16, 2018
Table 8.
Mult 4: Sensor Capacitors Ranging from 32pF to 130pF (Full Scale Values)
Table 9.
Mult 8: Sensor Capacitors Ranging from 130pF to 260pF (Full Scale Values)
1
0 0.0
C1
0.0
23.0
0.0
46.1
0.0
69.1
0.0
92.2
0.0
115.2
0.0
138.2
0.0
161.3
1 23.0
C1
23.0
46.1
23.0
69.1
23.0
92.2
23.0 115.2 23.0 138.2 23.0 161.3
2 46.1
C1
46.1
69.1
46.1
92.2
46.1 115.2 46.1 138.2 46.1 161.3
3 69.1
C1
69.1
92.2
69.1 115.2 69.1 138.2 69.1 161.3
4 92.2
C1
92.2 115.2 92.2 138.2 92.2 161.3
5 115.2
C1
115.2 138.2 115.2 161.3
6 138.2
C1
138.2 161.3
7
not recommended
2
3
4
5
PROHIBITED
0*
3-bit set
CDC_Reference
6
7
1
0 0.0
C1
0.0
92.2
0.0
184.3
0.0
276.5
1 92.2 C1 92.2 184.3 92.2 276.5
2 184.3 C1 184.3 276.5
3
4
5
6
7
not recommended
3-bit set
CDC_Reference
7
0*
2
3
4
5
6
PROHIBITED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com